Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC337
Description  Amplifier Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337 Datasheet(HTML) 2 Page - ON Semiconductor

  BC337_09 Datasheet HTML 1Page - ON Semiconductor BC337_09 Datasheet HTML 2Page - ON Semiconductor BC337_09 Datasheet HTML 3Page - ON Semiconductor BC337_09 Datasheet HTML 4Page - ON Semiconductor BC337_09 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC337, BC337−25, BC337−40
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
V(BR)CEO
45
−
−
Vdc
Collector−Emitter Breakdown Voltage
(IC = 100 mA, IE = 0)
V(BR)CES
50
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mA, IC = 0)
V(BR)EBO
5.0
−
−
Vdc
Collector Cutoff Current
(VCB = 30 V, IE = 0)
ICBO
−
−
100
nAdc
Collector Cutoff Current
(VCE = 45 V, VBE = 0)
ICES
−
−
100
nAdc
Emitter Cutoff Current
(VEB = 4.0 V, IC = 0)
IEBO
−
−
100
nAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 100 mA, VCE = 1.0 V)
BC337
BC337−25
BC337−40
(IC = 300 mA, VCE = 1.0 V)
hFE
100
160
250
60
−
−
−
−
630
400
630
−
−
Base−Emitter On Voltage
(IC = 300 mA, VCE = 1.0 V)
VBE(on)
−
−
1.2
Vdc
Collector−Emitter Saturation Voltage
(IC = 500 mA, IB = 50 mA)
VCE(sat)
−
−
0.7
Vdc
SMALL−SIGNAL CHARACTERISTICS
Output Capacitance
(VCB = 10 V, IE = 0, f = 1.0 MHz)
Cob
−
15
−
pF
Current−Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
fT
−
210
−
MHz
Figure 1. Thermal Response
t, TIME (SECONDS)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
D = 0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE
qJC(t) = (t) qJC
qJC = 100°C/W MAX
qJA(t) = r(t) qJA
qJA = 375°C/W MAX
D CURVES APPLY FOR
POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
SINGLE PULSE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com