Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS05CTC Datasheet(PDF) 3 Page - Semtech Corporation

Part # SMS05CTC
Description  TVS Diode Array For ESD and Latch-Up Protection???
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMS05CTC Datasheet(HTML) 3 Page - Semtech Corporation

  SMS05CTC Datasheet HTML 1Page - Semtech Corporation SMS05CTC Datasheet HTML 2Page - Semtech Corporation SMS05CTC Datasheet HTML 3Page - Semtech Corporation SMS05CTC Datasheet HTML 4Page - Semtech Corporation SMS05CTC Datasheet HTML 5Page - Semtech Corporation SMS05CTC Datasheet HTML 6Page - Semtech Corporation SMS05CTC Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
SMS05C THRU SMS24C
C
5
1
S
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
5
1V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
1V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
5
1
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=4
2V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
2
1
=9
2V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
d
n
a
s
n
i
P
O
/
I
n
e
e
w
t
e
B
d
n
G
V
R
z
H
M
1
=
f
,
V
0
=
0
0
15
2
1F
p
Electrical Characteristics (Continued)
C
4
2
S
M
S
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
it
i
d
n
o
Cm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
ti
n
U
e
g
a
tl
o
V
ff
O
-
d
n
a
t
S
e
s
r
e
v
e
RV
M
W
R
4
2V
e
g
a
tl
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
R
B
I
t
A
m
1
=7
.
6
2V
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
M
W
R
C
°
5
2
=
T
,
V
4
2
=1
A
µ
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
5
=0
4V
e
g
a
tl
o
V
g
n
i
p
m
a
l
CV
C
I
P
P
s
µ
0
2
/
8
=
p
t
,
A
8
=4
4V
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
JC
j
d
n
a
s
n
i
P
O
/
I
n
e
e
w
t
e
B
d
n
G
V
R
z
H
M
1
=
f
,
V
0
=
0
65
7F
p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com