Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF701 Datasheet(PDF) 4 Page - Semtech Corporation

Part # STF701
Description  T-Filter with TVS Diode Array For EMI Filtering and ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

STF701 Datasheet(HTML) 4 Page - Semtech Corporation

  STF701 Datasheet HTML 1Page - Semtech Corporation STF701 Datasheet HTML 2Page - Semtech Corporation STF701 Datasheet HTML 3Page - Semtech Corporation STF701 Datasheet HTML 4Page - Semtech Corporation STF701 Datasheet HTML 5Page - Semtech Corporation STF701 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
STF701
Figure 1 - STF701 Circuit Diagram
Figure 2 - STF701 Connection Diagram
Device Connection for Protection of Two Data Lines
The STF701 is designed to provide EMI filtering and
ESD protection for two I/O lines. The equivalent circuit
diagram is shown in Figure 1. The device is connected
as follows:
1. Line 1 is connected at pins 1 & 5 and line 2 is
connected at pins 3 & 4 (Figure 2). The device is
symmetrical so input & output connections can be
made on either side of the device. Pin 2 is con-
nected to ground. The ground connection should
be made directly to the ground plane for best
results. The path length is kept as short as pos-
sible to reduce the effects of parasitic inductance
in the board traces.
Voltage Clamping Characteristics.
The clamping characteristics of the STF701 are opti-
mized by the use of two TVS diodes in the protection
circuit (Figure 3). An ESD strike on the protected line
will be initially suppressed by the first TVS diode. The
voltage across the TVS will be the clamping voltage of
the device (V
C1) given by:
V
C1 = Vbr + RD * IPP
where
V
br = Breakdown voltage of the TVS
R
D = Dynamic resistance of the TVS
I
PP = Peak pulse (ESD) current
The dynamic resistance of the TVS is very small,
typically < 0.5W.
The second TVS will be subjected to V
C1 through the
voltage divider formed by the series resistor (R) and
the dynamic resistance of the TVS. Since R >> RD
then by the voltage divider theorem, the voltage seen
by the protected IC will be a few millivolts above the
breakdown voltage (V
br) of the second TVS.
Figure 3 - STF701 Clamping Characteristics
Applications Information



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com