Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5HCFJ8 Datasheet(PDF) 3 Page - Semtech Corporation

Part # UR5HCFJ8
Description  Low-Power Keyboard Encoder for Portable Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HCFJ8 Datasheet(HTML) 3 Page - Semtech Corporation

  UR5HCFJ8 Datasheet HTML 1Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 2Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 3Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 4Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 5Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 6Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 7Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 8Page - Semtech Corporation UR5HCFJ8 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
FUNCTIONAL DESCRIPTION
PIN DEFINITIONS
Copyright Semtech, 1997-2001
DOC5-FJ8-DS-107
www.semtech.com
3
The UR5HCFJ8 consists functionally
of six major sections (see Functional
Diagram, previous page). These
are the Keyboard Encoder, the
Mode Control Unit, the PC
Communication Channel, the Data
Buffer, the Interrupt Control and the
8042 Emulation Channel. All
sections communicate with each
other and operate concurrently.
Mnemonic
DIP
PLCC
QFP
Type
Name and Function
VCC
40
44
38
I
Power Supply: +5V
VSS
20
22
17
I
Ground
OSCI
39
43
37
I
Oscillator input
OSCO
38
42
36
O
Oscillator output
_RESET
1
1
41
I
Reset: Apply 0V to provide orderly start-up
EKC1
37
41
35
External Keyboard Clock 1: Connects
to external keyboard Clock Line and is used
to generate an interupt for every Clock Line
transition.
VX
3
4
43
I
Tie to Vcc
VXA
3
I
Tie to Vcc
RP
6
7
2
I
Reserved: Ties to Vcc
KC
8
9
4
I/O
Keyboard Clock: Connects to PC
keyboard port clock line
KD
7
8
3
I/O
Keyboard Data: Connects to
PC port data line
EKD
10
11
6
I/O
External Keyboard Data: Connects to
external keyboard Data Lne
ECK
9
10
5
I/O
External Keyboard Clock: Connects
to external keyboard Clock Line
_IQR
2
2
42
I
Interrupt Line: Reserved for low-power
applications
R0-R5
29-34
32-37
27-32
I
Row Data Inputs
R6
5
6
1
I
R7
36
39
34
I
C0-C7
12-19
13-17
8-15
O
Column Select Outputs: Selects 1 of
19-21
O
16 columns
C8-C15
28-21
31-24
26-23
O
21-18
O
CL
11
12
7
O
Caps Lock LED
NL
4
5
44
O
Num Lock LED
SL
35
38
33
O
Scroll Lock LED
NC
18
16,22
No Connects: These pins are unused.
23,40
39,40
Note: An underscore before a pin mnemonic denotes an active low signal.
KEYBOARD ENCODER
The controller continuously scans a
keyboard organized as an 8 row by
16 column matrix for a maximum of
128 keys. Smaller-size keyboards
are supported provided that all
unused row lines are pulled to Vcc.
The IC selects 1 of the 16 column
lines (C0-C15) every 512 mS and
then reads the row data lines (R0-
R7). A key closure is detected as a
0 in the corresponding position of
the matrix. A complete scan cycle
for the entire keyboard takes
approximately 9.2 mS. Each key
found pressed is debounced for a
period of 20 mS. Once the key is
verified, the corresponding key
code(s) are loaded into the transmit
buffer of the PC Communication
Channel.
Switch Matrix Encoding
Each matrix location is programmed
to represent either a single key or a
key combination of the IBM 101/102
standard keyboard.
Scan Code Table Sets
The UR5HCFJ8 supports all three
scan code table sets. Scan Code
Sets 1 and 2 are the default sets for
AT/PS/2 systems. Scan Code Table
Set 3 allows the user to program
individual key attributes such as
Make/Break and Typematic or
Single-Touch Action. For more
information, refer to the IBM
Technical Reference Manuals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com