Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD442 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BD442
Description  Plastic Medium Power Silicon PNP Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD442 Datasheet(HTML) 3 Page - ON Semiconductor

  BD442 Datasheet HTML 1Page - ON Semiconductor BD442 Datasheet HTML 2Page - ON Semiconductor BD442 Datasheet HTML 3Page - ON Semiconductor BD442 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD436, BD438, BD440, BD442
http://onsemi.com
3
Figure 1. Collector Saturation Region
IB, BASE CURRENT (mA)
2.0
0
0.05
1.6
1.2
0.8
0.4
1.0
2.0
10
70
500
IC = 10 mA
100 mA
1.0 A
0.1
100
20
5.0
TJ =
255C
3.0
30
0.07
300
200
50
7.0
0.2
0.3
0.5 0.7
3.0 A
Figure 2. Current Gain
200
0
10
80
1
2
5
3
100
IC, COLLECTOR CURRENT (AMP)
100
60
40
20
2.0
0.005
IC, COLLECTOR CURRENT (AMP)
1.6
1.2
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 3. “On” Voltage
0.02 0.03 0.05
0.1 0.2
VBE @ VCE = 2.0 V
0.01
0.3 0.5
1.0 2.0 3.0 4.0
Figure 4. Active Region Safe Operating Area
10
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
4.0
1.0
0.1
2.0
10
20
100
0.5
TJ = 150°C
dc
5 ms
1.0
5.0
50
SECONDARY BREAKDOWN
THERMAL LIMIT TC = 25°C
BONDING WIRE LIMIT
CURVES APPLY BELOW RATED VCEO
BD438
BD440
BD442



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com