Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBD301G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD301G
Description  Silicon Hot-Carrier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD301G Datasheet(HTML) 1 Page - ON Semiconductor

  MBD301G Datasheet HTML 1Page - ON Semiconductor MBD301G Datasheet HTML 2Page - ON Semiconductor MBD301G Datasheet HTML 3Page - ON Semiconductor MBD301G Datasheet HTML 4Page - ON Semiconductor MBD301G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 5
1
Publication Order Number:
MBD301/D
MBD301G, MMBD301LT1G
Silicon Hot-Carrier Diodes
SCHOTTKY Barrier Diodes
These devices are designed primarily for high−efficiency UHF and
VHF detector applications. They are readily adaptable to many other
fast switching RF and digital applications. They are supplied in an
inexpensive plastic package for low−cost, high−volume consumer
and industrial/commercial requirements. They are also available in a
Surface Mount package.
Features
Extremely Low Minority Carrier Lifetime − 15 ps (Typ)
Very Low Capacitance − 1.5 pF (Max) @ VR = 15 V
Low Reverse Leakage − IR = 13 nAdc (Typ) MBD301, MMBD301
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
MBD301 MMBD301LT1
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Total Device Dissipation
@ TA = 25°C
Derate above 25°C
PF
280
2.8
200
2.0
mW
mW/°C
Operating Junction
Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
MBD
301
AYWWG
G
TO−92
(TO−226AC)
CASE 182
STYLE 1
4T M G
G
MBD301
SOT−23
(TO−236)
CASE 318
STYLE 8
30 VOLTS
SILICON HOT−CARRIER
DETECTOR AND SWITCHING
DIODES
1
2
3
1
2
3
CATHODE
1
ANODE
2
CATHODE
1
ANODE
1
MMBD301LT1
M
= Date Code
G
= Pb−Free Package
MARKING
DIAGRAM
(Note: Microdot may be in either location)
(Note: Microdot may be in either location)


Similar Part No. - MBD301G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
65Kb / 5P
Silicon Hot?묬arrier Diodes SCHOTTKY Barrier Diodes
January, 2007 ??Rev. 4
MBD301G ONSEMI-MBD301G Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD301G ONSEMI-MBD301G Datasheet
237Kb / 7P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2018 - Rev. 9
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD301G ONSEMI-MBD301G_V01 Datasheet
237Kb / 7P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2018 - Rev. 9
More results

Similar Description - MBD301G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MBD701 LRC-MBD701 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
MBD701 ONSEMI-MBD701_16 Datasheet
94Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com