Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF-90 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-90
Description  90W Single Output Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-90 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LPF-90 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-90 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-90 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MechanicalSpecification
DETECTION
PWM&PFC
CIRCUIT
O.L.P.
O.T.P.
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
fosc:100KHz
BlockDiagram
AMBIENTTEMPERATURE( )
230VAC
Inputonly
-40
-25
0
-10
15
30
50
60
70
20
40
60
80
100
(HORIZONTAL)
DeratingCurve
StaticCharacteristics
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
305
100
90
80
70
60
50
40
300 20
300 20
SJTW18AWG 2C
AC/L(Brown)
AC/N(Blue)
161
4.5
4.
5
4
4
T case:Max.Case Temperature.
T case
91
50
90WSingleOutputSwitchingPowerSupply
L P F - 9 0 series
FileName:LPF-90-SPEC2011-08-12
+V(Red)
-V(Black)
SVT 18AWG 2C
CaseNo.LPF-90A
Unit:mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com