Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD340 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD340
Description  High Voltage Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD340 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD340 Datasheet HTML 1Page - ON Semiconductor MJD340 Datasheet HTML 2Page - ON Semiconductor MJD340 Datasheet HTML 3Page - ON Semiconductor MJD340 Datasheet HTML 4Page - ON Semiconductor MJD340 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJD340 (NPN) MJD350 (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 1 mA, IB = 0)
VCEO(sus)
300
−
V
Collector Cutoff Current
(VCB = 300 V, IE = 0)
ICEO
−
0.1
mA
Emitter Cutoff Current
(VBE = 3 V, IC = 0)
IEBO
−
0.1
mA
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 50 mA, VCE = 10 V)
hFE
30
240
−
Collector−Emitter Saturation Voltage
(IC = 100 mA, IB = 10 mA)
VCE(sat)
−
1
V
Base−Emitter On Voltage
(IC = 1 A, VCE = 10 V)
VBE(on)
−
1.5
V
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 50 mA, VCE = 10 V, f = 10 MHz)
fT
10
−
MHz
2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
300
10
1
100
50
3
20
30
50
70
100
200
300
500
200
70
30
20
25
10
7
TJ = 150°C
+25
°C
VCE = 2 V
VCE = 10 V
-55
°C
+100
°C
TYPICAL CHARACTERISTICS
MJD340



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com