Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EC2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3EC2
Description  High Performance EMI Power Inlet Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EC2 Datasheet(HTML) 1 Page - Tyco Electronics

  3EC2 Datasheet HTML 1Page - Tyco Electronics 3EC2 Datasheet HTML 2Page - Tyco Electronics 3EC2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
141
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
EC Series
EC Series
High Performance EMI Power Inlet Filter
UL Recognized
CSA Certified
VDE Approved
• Three element differential mode circuit provides
the highest attenuation of any available standard
inlet filter
• High common mode inductance
• High differential mode capacitance
• Effective attenuation of Line to Ground and Line
to Line noise across the frequency range
• Performance and application similar to the ED
series but with higher differential mode
performance
• Includes several termination options
Ordering Information
3 EC 1
Output Styles
1 – .250 [6.3] spade terminals
(back)
2 – .250 [6.3] spade terminals
(bottom)
4 – Wire leads (bottom)
8 – Wire leads (back)
EC Series
Current Rating
1, 3, 6, or 10A
Maximum leakage current each Line to Ground:
@ 120 VAC 60 Hz:
.25 mA
@250 VAC 50 Hz:
.50 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max.):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 10A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
Specifications
Available Part Numbers
1EC1
1EC2
1EC4
1EC8
3EC1
3EC2
3EC4
3EC8
6EC1
6EC2
6EC4
6EC8
10EC1
Electrical Schematic
LINE
LOAD
EC1
EC8
EC2
EC4


Similar Part No. - 3EC2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EC2 MACOM-3EC2 Datasheet
469Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
More results

Similar Description - 3EC2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1ED1 MACOM-1ED1_11 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
1EF1F MACOM-1EF1F_11 Datasheet
245Kb / 3P
EMI Power Inlet Filter
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
High Performance Power Inlet Filter
logo
List of Unclassifed Man...
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
High Performance IEC Inlet Filter
logo
TE Connectivity Ltd
EJT TEC-EJT Datasheet
336Kb / 3P
High Performance Power Inlet Filter
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
ED1 TEC-ED1 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
High Performance IEC Inlet Filter
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com