Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2VR3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2VR3
Description  Two-stage General Purpose RFI Power Line Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2VR3 Datasheet(HTML) 2 Page - Tyco Electronics

  2VR3 Datasheet HTML 1Page - Tyco Electronics 2VR3 Datasheet HTML 2Page - Tyco Electronics 2VR3 Datasheet HTML 3Page - Tyco Electronics 2VR3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
62
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Two-stage General Purpose RFI Power Line Filter (continued)
R Series
Electrical Schematic
LINE
LOAD
Case Styles
R1 (1, 2, 3, 5, 10A)
D
E
A
C
B
R3
A
D
E
C
B
Brown
Blue
Brown
Blue
Green/
Yellow
10VR6
C
B
E
D
A

 











 


R1 (20A)
D
E
A
C
B
2.00
50.8

 




20VR6
E
DB
2.00
50.8
A
C


 


Case Styles (continued)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com