Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EB3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2EB3
Description  General Purpose RFI Filters for High Impedance Loads at Low Current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2EB3 Datasheet(HTML) 1 Page - Tyco Electronics

  2EB3 Datasheet HTML 1Page - Tyco Electronics 2EB3 Datasheet HTML 2Page - Tyco Electronics 2EB3 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15
B Series
B Series
General Purpose RFI Filters for High Impedance Loads at Low Current
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Maximum leakage current each Line to Ground:
VB Models
EB Models
@ 120 VAC 60 Hz:
.4 mA
.21 mA
@250 VAC 50 Hz:
.7 mA
.36 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 30A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Small size & low cost
• General purpose
• Wide variety of termination options
• Meets low leakage current requirements of VDE
portable equipment and non-patient medical
equipment
Ordering Information
10 E B 1
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
B Series
Leakage current designation
E – Low leakage (<0.5 mA)
V – Standard
Current Rating
1, 2, 3, 5, 10, 20 or 30A
Specifications
Electrical Schematic
LINE
LOAD
UL Recognized
CSA Certified
VDE Approved
VB6
VB3 / EB3
Available Part Numbers
1VB1
1EB1
1VB3
1EB3
2VB1
2EB1
2VB3
2EB3
3VB1
3EB1
3VB3
3EB3
5VB1
5EB1
5VB3
5EB3
10VB1
10EB1
10VB3
10EB3
10VB6
20EB1
20VB1
20VB6
30VB6
VB1 / EB1


Similar Part No. - 2EB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2EB3 ETC1-2EB3 Datasheet
72Kb / 2P
General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
More results

Similar Description - 2EB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1VB1 ETC1-1VB1 Datasheet
72Kb / 2P
General Purpose RFI Power Line Filters General Purpose for High Impedance Loads at Low Cost
logo
Tyco Electronics
1EDP MACOM-1EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
1VK1 MACOM-1VK1 Datasheet
481Kb / 4P
General Purpose RFI Power Line Filters-Ideal for High Impedance Load
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
1VK1 MACOM-1VK1_11 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
Compact Low Current 3-phase WYE RFI Filters
logo
TE Connectivity Ltd
1VK1 TEC-1VK1 Datasheet
295Kb / 5P
General Purpose RFI Power Line Filters ??Ideal for High Impedance Load
ADT TEC-ADT Datasheet
213Kb / 3P
High Performance High Current 3-phase Delta RFI Filters
AYO TEC-AYO Datasheet
172Kb / 2P
Compact Low Current 3-phase WYE RFI Filters
logo
Shanghai Leiditech Elec...
BZG03-C10 LEIDITECH-BZG03-C10 Datasheet
418Kb / 3P
Low Zener impedance at low current
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com