Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1EBH1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1EBH1
Description  Cost-effective EMI Power Inlet Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1EBH1 Datasheet(HTML) 2 Page - Tyco Electronics

  1EBH1 Datasheet HTML 1Page - Tyco Electronics 1EBH1 Datasheet HTML 2Page - Tyco Electronics 1EBH1 Datasheet HTML 3Page - Tyco Electronics 1EBH1 Datasheet HTML 4Page - Tyco Electronics 1EBH1 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EEA & EEB Series
Cost-effective EMI Power Inlet Filter (continued)
3
149
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Available Part Numbers
EEA Models
EEB Models
1EEA1
1EEB1
1EEA2
1EEB2
1EEAP
1EEBP
3EEA1
3EEB1
3EEA2
3EEB2
3EEAP
3EEBP
6EEA1
6EEB1
6EEA2
6EEB2
6EEAP
6EEBP
10EEA1
10EEB1
10EEA2
10EEB2
10EEAP
10EEBP
EAS Models
EBS Models
1EAS1
1EBS1
3EAS1
3EBS1
6EAS1
6EBS1
10EAS1
10EBS1
EAH Models
EBH Models
1EAH1
1EBH1
3EAH1
3EBH1
6EAH1
6EBH1
10EAH1
10EBH1
Ordering Information
3 EEB 1
Output Styles
1 – .250 [6.3] spade terminals
(back)
2 – .250 [6.3] spade terminals
(bottom)
P – PC board pins
Series
EEA – Basic Inlet Filter
EAS – Snap–in EEA Filter
EAH – Medical EEA Filter
EEB – Extended EMI Performance
EBS – Snap-in EEB Filter
EBH – Medical EEB Filter
Current Rating
1, 3, 6, or 10A
EAS / EBS
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories
FA601: Insulating Shroud
Dia.
.413
10.5
Dia.
.271
6.9
1.39
35.4
.118
3.0
1.17
29.7
.767
19.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com