Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20EJS1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 20EJS1
Description  Cost-effective Medium Performance Power Inlet Filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

20EJS1 Datasheet(HTML) 5 Page - Tyco Electronics

  20EJS1 Datasheet HTML 1Page - Tyco Electronics 20EJS1 Datasheet HTML 2Page - Tyco Electronics 20EJS1 Datasheet HTML 3Page - Tyco Electronics 20EJS1 Datasheet HTML 4Page - Tyco Electronics 20EJS1 Datasheet HTML 5Page - Tyco Electronics 20EJS1 Datasheet HTML 6Page - Tyco Electronics 20EJS1 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EEJ Series Including the EJH/EJHS, EJM/EJMS and EJS Models
Cost-effective Medium Performance Power Inlet Filter (continued)
3
157
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Case Dimensions
Part No.
A
B
CD
E
F







EEJ1, EJH1
    
    
EJM1
    


  
1-10A
EEJ2, EJH2
    
    
15A
EEJ2, EJH2
    
    
1-10A
EEJP, EJHP
    
    
15A
EEJP, EJHP
    
    
EJS1, EJHS1
    
    
EJMS1
  





EEJ8, EJH8
    
    
EJM8
    


  
EJS8,
EJHS8
    
    
EJMS8
  





20EEJ1,
20EJH1
    
    
20EJS1
    
    
20EEJ8,
20EJH8
    

     
20EJS8
    

     
Performance Data
Typical Insertion Loss
1A
3A
Measured in closed 50 Ohm system
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
EEJ & EJS Models
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
6A
10A
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
15A
20A
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
20EJS1
3EJS1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com