Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F9469PC Datasheet(PDF) 4 Page - 3M Electronics

Part # F9469PC
Description  VHB™ Adhesive Transfer Tapes with Adhesive 100MP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

F9469PC Datasheet(HTML) 4 Page - 3M Electronics

  F9469PC Datasheet HTML 1Page - 3M Electronics F9469PC Datasheet HTML 2Page - 3M Electronics F9469PC Datasheet HTML 3Page - 3M Electronics F9469PC Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3M™ VHB™ Adhesive Transfer Tapes with Adhesive 100MP
F9460PC • F9469PC • F9473PC
Application Techniques
Bond strength is dependent upon the amount of adhesive-to-surface contact developed.
Firm application pressure helps develop better adhesive contact and improve bond strength.
To obtain optimum adhesion, the bonding surfaces must be clean, dry, and well unified.
Some typical surface cleaning solvents are isopropyl alcohol/water mixture or heptane.*
Ideal tape application temperature range is 70°F to 100°F (21°C to 38°C). Initial tape
application to surfaces at temperatures below 50°F (10°C) is not recommended because
the adhesive becomes too firm to adhere readily. However, once properly applied, low
temperature holding is generally satisfactory.
*Note: Be sure to follow the manufacturer’s precautions and directions for use when
using solvents.
Available Roll Lengths (subject to minimum order requirements):
Standard
60 yd. (55 m)
Maximum in:
1/4 in. to 3/8 in. wide
60 yd. (55 m)
3/8 in. to 1 in. wide
240 yd. (220 m)
1 in. up to 3 in.
360 yd. (330 m)
3 in. and wider
360 yd. (330 m)
Normal Slitting Tolerance
± 1/32 in. (0.8 mm)
Available Sizes
- 4 -
Storage
Store in original cartons at 70°F (21°C) and 50% relative humidity.
Shelf Life
If stored under proper conditions, products retain their performance and properties for
24 months from date of manufacture. If the products have been exposed to severe weather
conditions, we suggest to precondition the products at the above storage conditions for at
least 24 hours before using them.
All statements, technical information and recommendations contained in this document are based upon
tests or experience that 3M believes are reliable. However, many factors beyond 3M’s control can affect
the use and performance of a 3M product in a particular application, including the conditions under
which the product is used and the time and environmental conditions in which the product is expected to
perform. Since these factors are uniquely within the user’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the
user’s method of application.
Product Use
Printed in U.S.A.
©3M 2005
70-0711-1387-5
(4/05)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Industrial Business
Converter Markets
Industrial Adhesives and Tapes Division
3M Center, Building 21-1W-10, 900 Bush Avenue
St. Paul, MN 55144-1000
800-223-7427 • 651-778-4244 (fax)
www.3M.com/converter
3M warrants for 24 months from the date of manufacture that 3M™ VHB™ Tape will be free of defects
in material and manufacture. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE. This limited warranty does not cover damage resulting from the use or
inability to use 3M™ VHB™ Tape due to misuse, workmanship in application, or application or storage not
in accordance with 3M recommended procedures.
Limited Warranty
If the 3M™ VHB™ Tape is proved to be defective within the warranty period stated above. THE EXCLUSIVE
REMEDY, AT 3M’S OPTION, SHALL BE TO REFUND THE PURCHASE PRICE OF OR TO REPAIR OR
REPLACE THE DEFECTIVE 3M™ VHB™ TAPE. 3M shall not otherwise be liable for loss or damages,
whether direct, indirect, special, incidental, or consequential, regardless of the legal theory asserted,
including negligence, warranty, or strict liability.
Limitation of
Remedies and
Liability
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2000 standards.
ISO 9001: 2000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com