Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20VT1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 20VT1
Description  High Performance RFI Power Line Filters for Switching Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

20VT1 Datasheet(HTML) 1 Page - Tyco Electronics

  20VT1 Datasheet HTML 1Page - Tyco Electronics 20VT1 Datasheet HTML 2Page - Tyco Electronics 20VT1 Datasheet HTML 3Page - Tyco Electronics 20VT1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
80
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
T Series
T Series
High Performance RFI Power Line Filters for Switching Power Supplies
Maximum leakage current each Line to Ground:
3, 6 & 10A
ET Models
VT Models
@120 VAC 60 Hz:
.30 mA
.75 mA
@250 VAC 50 Hz:
.50 mA
1.2 mA
15 & 20A
@120 VAC 60 Hz:
.30 mA
1.2 mA
@250 VAC 50 Hz:
.50 mA
2.0 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 20A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Superior common-mode and premium
differential-mode attenuation
• Smaller package sizes than the EP Series
• Size and cost-effective
• ET models can help meet very low leakage
current requirements
Ordering Information
10 E T 1
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
7 – IEC inlet* (line side)
.250 [6.3] spade terminals
(load side)
T Series
Leakage current designation
E – Low leakage (<0.5 mA)
V – Standard
Current Rating
3, 6, 10, 15 or 20A
Specifications
UL Recognized
CSA Certified
VDE Approved
Available Part Numbers
3ET1
10ET1
10VT1
3ET3
10ET3
10VT3
3ET7
15ET1
15VT1
6ET1
15ET6
15VT6
6ET3
20ET1
20VT1
6ET7
20ET6
20VT6
*IEC 60320-1 C14 inlet mates with C13 connector


Similar Part No. - 20VT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20VT1 MACOM-20VT1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
20VT1 TEC-20VT1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
More results

Similar Description - 20VT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
High Performance RFI Filters for Switching Power Supplies
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
VP1 TEC-VP1 Datasheet
214Kb / 3P
Dual Stage RFI Power Line Filters for Switching Mode Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com