Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCAS040218X400 Datasheet(PDF) 6 Page - AVX Corporation

Part # VCAS040218X400
Description  TransGuard Automotive Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS040218X400 Datasheet(HTML) 6 Page - AVX Corporation

  VCAS040218X400 Datasheet HTML 1Page - AVX Corporation VCAS040218X400 Datasheet HTML 2Page - AVX Corporation VCAS040218X400 Datasheet HTML 3Page - AVX Corporation VCAS040218X400 Datasheet HTML 4Page - AVX Corporation VCAS040218X400 Datasheet HTML 5Page - AVX Corporation VCAS040218X400 Datasheet HTML 6Page - AVX Corporation VCAS040218X400 Datasheet HTML 7Page - AVX Corporation VCAS040218X400 Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TransGuard Automotive Series
Multilayer Varistors for Automotive Applications
V-I CHARACTERISTICS
6
90
80
70
60
50
40
30
20
10
0
18A
26A
30A
Current (A)
1.00E-09
1.00E-06
1.00E-03
1.00E+00
1.00E+03
0603 Case Size
120
100
80
60
40
20
0
Current (A)
1.00E-09
1.00E-06
1.00E-03
1.00E+00
1.00E+03
0805 Case Size
18C
26C
30C
38C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com