Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6ESK7M Datasheet(PDF) 4 Page - Tyco Electronics

Part # 6ESK7M
Description  High Performance K Series RFI Line Filters for SMPS Emission Control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6ESK7M Datasheet(HTML) 4 Page - Tyco Electronics

  6ESK7M Datasheet HTML 1Page - Tyco Electronics 6ESK7M Datasheet HTML 2Page - Tyco Electronics 6ESK7M Datasheet HTML 3Page - Tyco Electronics 6ESK7M Datasheet HTML 4Page - Tyco Electronics 6ESK7M Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
78
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance K Series Filters for SMPS Emission Control (continued)
SK Series
Part No.
A
B
CD
E






3VSK1,
3ESK1










3VSK3,
3ESK3










3VSK7/7M,
3ESK7/7M










6VSK1,
6ESK1










6VSK3,
6ESK3










6VSK7/7M,
6ESK7/7M










10VSK1,
10ESK1










10VSK3,
10ESK3










10VSK7/7M,
10ESK7/7M










20VSK6,
20ESK6










Part No.
A
B
CD
E






30VSK6,
30ESK6










30VSK6C,
30ESK6C










40VSK6





 



Case Dimensions

Performance Data
Typical Insertion Loss
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
3 & 6ESK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
10 & 20ESK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
30ESK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
3 & 6VSK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
10 & 20VSK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
30VSK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz
40VSK
db
100
90
80
70
60
50
40
30
20
10
0
0.01
0.1
1
10
30
Frequency in MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com