Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

230FCD10B Datasheet(PDF) 2 Page - Tyco Electronics

Part # 230FCD10B
Description  3-phase Delta External Power Line Filter for Frequency Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

230FCD10B Datasheet(HTML) 2 Page - Tyco Electronics

  230FCD10B Datasheet HTML 1Page - Tyco Electronics 230FCD10B Datasheet HTML 2Page - Tyco Electronics 230FCD10B Datasheet HTML 3Page - Tyco Electronics 230FCD10B Datasheet HTML 4Page - Tyco Electronics 230FCD10B Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
119
FCD Series
3-phase Delta External Filter for Frequency Converters (continued)
2
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Available Part Numbers
6FCD10
12FCD10B
50FCD10BS
12FCD10
16FCD10B
80FCD10BS
16FCD10
25FCD10B
110FCD10BS
25FCD10
36FCD10B
150FCD10BS
36FCD10
50FCD10B
150FCD10BS-95
50FCD10
80FCD10B
180FCD10BS
110FCD10B
230FCD10BS
150FCD10B
150FCD10B-95
180FCD10B
230FCD10B
12 to 50A FCD10
12 to 50A FCD10B
FCD10BS
Power line
Device
PE
PE
L1
L1
L2
L2
L3
L3
Power line
Device
PE
PE
L1
L1
L2
L2
L3
L3
Power line
Device
PE
PE
L1
L1
L2
L2
L3
L3
Case Styles
6 to 50A FCD10 & FCD10B
E
A
BD
Slots:
F
C
.260
6.61
80 to 150A FCD10B
50 to 150A FCD10BS
E
A
A (150FCD10B-95)
BD
F
C
Slots:
.260
6.61
150FCD10B-95
Terminal Block
Electrical Schematics (continued)
80 to 230A FCD10B
Power line
Device
PE
PE
L1
L1
L2
L2
L3
L3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com