Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35CG Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP35CG
Description  Complementary Silicon High?뭁ower Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP35CG Datasheet(HTML) 3 Page - ON Semiconductor

  TIP35CG Datasheet HTML 1Page - ON Semiconductor TIP35CG Datasheet HTML 2Page - ON Semiconductor TIP35CG Datasheet HTML 3Page - ON Semiconductor TIP35CG Datasheet HTML 4Page - ON Semiconductor TIP35CG Datasheet HTML 5Page - ON Semiconductor TIP35CG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
3
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
0
125
0
25
175
75
100
75
100
50
125
25
150
50
Figure 2. Switching Time Equivalent Test Circuits
0.3
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMPERES)
0.02
1.0
30
0.07
1.0
10
TJ = 25°C
IC/IB = 10
VCC = 30 V
VBE(off) = 2 V
0.5
0.3
0.1
0.05
0.5
3.0
5.0
0.03
0.7
2.0
0.7
7.0
tr
0.2
2.0
20
td
(PNP)
(NPN)
TURN−ON TIME
TURN−OFF TIME
+2.0 V
0
tr ≤
20 ns
−11.0 V
10 TO 100 mS
3.0
RL
−30 V
VCC
DUTY CYCLE ≈ 2.0%
10
RB
TO SCOPE
tr ≤ 20 ns
VBB
+4.0 V
FOR CURVES OF FIGURES 3 & 4, RB & RL ARE VARIED.
INPUT LEVELS ARE APPROXIMATELY AS SHOWN.
FOR NPN, REVERSE ALL POLARITIES.
0
+9.0 V
−11.0 V
10 to 100 ms
tr ≤ 20 ns
DUTY CYCLE ≈ 2.0%
3.0
RL
−30 V
VCC
10
RB
TO SCOPE
tr ≤ 20 ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com