Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP36CG Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP36CG
Description  Complementary Silicon High?뭁ower Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP36CG Datasheet(HTML) 2 Page - ON Semiconductor

  TIP36CG Datasheet HTML 1Page - ON Semiconductor TIP36CG Datasheet HTML 2Page - ON Semiconductor TIP36CG Datasheet HTML 3Page - ON Semiconductor TIP36CG Datasheet HTML 4Page - ON Semiconductor TIP36CG Datasheet HTML 5Page - ON Semiconductor TIP36CG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP35A, TIP35B, TIP35C (NPN); TIP36A, TIP36B, TIP36C (PNP)
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
TIP35A
SOT−93 (TO−218)
30 Units / Rail
TIP35AG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35B
SOT−93 (TO−218)
30 Units / Rail
TIP35BG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP35C
SOT−93 (TO−218)
30 Units / Rail
TIP35CG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36A
SOT−93 (TO−218)
30 Units / Rail
TIP36AG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36B
SOT−93 (TO−218)
30 Units / Rail
TIP36BG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
TIP36C
SOT−93 (TO−218)
30 Units / Rail
TIP36CG
SOT−93 (TO−218)
(Pb−Free)
30 Units / Rail
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 2)
(IC = 30 mA, IB = 0)
TIP35A, TIP36A
TIP35B, TIP36B
TIP35C, TIP36C
VCEO(sus)
60
80
100
−
−
−
Vdc
Collector−Emitter Cutoff Current
(VCE = 30 V, IB = 0)
TIP35A, TIP36A
(VCE = 60 V, IB = 0)
TIP35B, TIP35C, TIP36B, TIP36C
ICEO
−
−
1.0
1.0
mA
Collector−Emitter Cutoff Current
(VCE = Rated VCEO, VEB = 0)
ICES
−
0.7
mA
Emitter−Base Cutoff Current
(VEB = 5.0 V, IC = 0)
IEBO
−
1.0
mA
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 1.5 A, VCE = 4.0 V)
(IC = 15 A, VCE = 4.0 V)
hFE
25
15
−
75
−
Collector−Emitter Saturation Voltage
(IC = 15 A, IB = 1.5 A)
(IC = 25 A, IB = 5.0 A)
VCE(sat)
−
−
1.8
4.0
Vdc
Base−Emitter On Voltage
(IC = 15 A, VCE = 4.0 V)
(IC = 25 A, VCE = 4.0 V)
VBE(on)
−
−
2.0
4.0
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 1.0 A, VCE = 10 V, f = 1.0 kHz)
hfe
25
−
−
Current−Gain — Bandwidth Product
(IC = 1.0 A, VCE = 10 V, f = 1.0 MHz)
fT
3.0
−
MHz
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com