Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125DCB10B Datasheet(PDF) 2 Page - Tyco Electronics

Part # 125DCB10B
Description  RFI Power Line Filters for DC Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

125DCB10B Datasheet(HTML) 2 Page - Tyco Electronics

  125DCB10B Datasheet HTML 1Page - Tyco Electronics 125DCB10B Datasheet HTML 2Page - Tyco Electronics 125DCB10B Datasheet HTML 3Page - Tyco Electronics 125DCB10B Datasheet HTML 4Page - Tyco Electronics 125DCB10B Datasheet HTML 5Page - Tyco Electronics 125DCB10B Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC Series
RFI Power Line Filters for DC Applications (continued)
Available Part Numbers
Termination Options
Style 6 (15, 30 & 60A)
• Supplied with #10-32 redundant studs
• 0.625 [15.88] spacing like polarity
• 0.750 [19.05] spacing opposing polarity
• Torque specification: 27 ±3 in-lb.
Style 6 (100 & 125A)
• Supplied with 1/4-20 redundant studs
• 0.750 [19.05] spacing like polarity
• 1.00 [25.4] spacing opposing polarity
• Torque specification: 45 ±2 in-lb
Style 10 (15 & 30A)
• PHOENIX CONTACT* part number: VDFK4
• Accepts 12 AWG stranded wire
• Wire strip length: 0.315 [8.0]
• Torque specification: 5.5 – 7.0 in-lb.
• Ground stud: 8-32
Style 10 (60A)
• PHOENIX CONTACT* part number: HDFK 16-VP
• Accepts 6 AWG stranded wire
• Wire strip length: 0.630 [16.0]
• Torque specification: 17.7 – 21.2 in-lb.
• Ground stud: 10-32
Style 10 (100A)
• PHOENIX CONTACT* part number: HDFK 25-VP
• Accepts 4 AWG stranded wire
• Wire strip length: 0.748 [19.0]
• Torque specification: 35.4 – 39.9 in-lb.
• Ground stud: 1/4-20
Style 10 (125A)
• PHOENIX CONTACT* part number: HDFK 50-VP
• Accepts 1 AWG stranded wire
• Wire strip length: 0.945 [24.0]
• Torque specification: 35.4 – 39.9 in-lb.
• Ground stud: 1/4-20
218
Corcom Product Guide
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Standard Performance
High Performance
15DCF6
15DCF10
15DCB10F
15DCB6F
30DCF6
30DCF10
30DCB10F
30DCB6F
60DCF6
60DCF10
60DCB10F
60DCB6F
100DCF6
100DCF10
100DCB10F
100DCB6F
125DCF6
125DCF10
125DCB10F
125DCB6F
15DCF6B
15DCF10B
15DCB6BF
30DCF6B
30DCF10B
30DCB6BF
60DCF6B
60DCF10B
60DCB6BF
100DCF6B
100DCF10B
100DCB6BF
125DCF6B
125DCF10B
125DCB6BF
15DCB6
15DCB10
15DCB10BF
30DCB6
30DCB10
30DCB10BF
60DCB6
60DCB10
60DCB10BF
100DCB6
100DCB10
100DCB10BF
125DCB6
125DCB10
125DCB10BF
15DCB6B
15DCB10B
30DCB6B
30DCB10B
60DCB6B
60DCB10B
100DCB6B
100DCB10B
125DCB6B
125DCB10B




Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com