Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

433-1R11-R111-1R00 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 433-1R11-R111-1R00
Description  LED RAIL CROSSING SIGNAL MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

433-1R11-R111-1R00 Datasheet(HTML) 2 Page - Dialight Corporation

  433-1R11-R111-1R00 Datasheet HTML 1Page - Dialight Corporation 433-1R11-R111-1R00 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
ELECTRICAL AND PHOTOMETRIC SPECIFICATIONS*
MDTRRCMX001_F
MECHANICAL DIMENSIONS
12.07
11.06
Side Light
(2 places)
4.44
6.55
(All dimensions in inches)
*
ORDERING INFORMATION
Part Number
Description
433-1R11-R111-1R00
With Sidelight, Red, 12” diameter, 8-14 Volts AC/DC, 24” leads, Ring lug, flat gasket (front), AREMA compliant



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com