Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL1PR111 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL1PR111
Description  첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL1PR111 Datasheet(HTML) 1 Page - Sharp Corporation

  GL1PR111 Datasheet HTML 1Page - Sharp Corporation GL1PR111 Datasheet HTML 2Page - Sharp Corporation GL1PR111 Datasheet HTML 3Page - Sharp Corporation GL1PR111 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Mini-mold LED Lamp
GL1tt111 series
110
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
GL1tt111 series
s Outline Dimensions
Pin connections
4.1MAX
Colored diffusion
3.0
2.5
0.5
0.7
R0.3
5˚
5˚
5˚
5˚
0.25
±0.1
0˚
±10˚
0˚
+10˚
-0˚
0˚
+10˚
-0˚
5˚
5˚
5˚
5˚
1
A
2
1 Cathode
2 Anode
Unspecified tolerance:
±0.2
s Radiation Diagram
0˚
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
GL1PR111
GL1HD111
GL1HS111
GL1HY111
GL1EG111
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
23
85
85
50
50
10
30
30
20
20
50
50
50
50
50
0.13
0.40
0.40
0.27
0.27
0.67
0.67
0.67
0.67
0.67
5
5
5
5
5
260
260
260
260
260
Red
Red
Sunset orange
Yellow
Yellow-green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 Below the A portion of outline drawing
s Absolute Maximum Ratings
TYP
MAX
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
GL1PR111
GL1HD111
1.9
2.0
2.3
2.8
695
635
5
20
2.6
8.8
5
20
100
35
5
20
10
10
4
4
55
20
1
1
→
→
Colored
diffusion
GL1HS111
GL1HY111
GL1EG111
2.0
1.9
1.95
2.8
2.5
2.8
610
585
565
20
10
10
14.4
4.5
7.0
20
10
10
35
30
30
20
10
10
10
10
10
4
4
4
15
35
35
1
1
1
→
→
→
s Electro-optical Characteristics
(Unit:
mm)
(Ta=25˚C)
ø2mm, Forming Type, Colored
Diffusion, Compact LED Lamp for
Backlight/Indicator


Similar Part No. - GL1PR111

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL1PR112 SHARP-GL1PR112 Datasheet
98Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
More results

Similar Description - GL1PR111

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL1PR112 SHARP-GL1PR112 Datasheet
98Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR135 SHARP-GL1PR135 Datasheet
99Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR136 SHARP-GL1PR136 Datasheet
99Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR211 SHARP-GL1PR211 Datasheet
98Kb / 4P
첩2mm, Forming Type, Colorless Transparency, Compact LED Lamp for Backlight/Indicator
GL1PR212 SHARP-GL1PR212 Datasheet
98Kb / 4P
첩2mm, Forming Type, Colorless Transparency, Compact LED Lamp for Backlight/Indicator
GL2PR6 SHARP-GL2PR6 Datasheet
91Kb / 4P
첩2mm, Convex Type, Colored Diffusion LED Lamps for Indicator
GL3PR63 SHARP-GL3PR63 Datasheet
80Kb / 4P
첩3mmT-1, Cylinder TypeFlangeless, Colored Diffusion LED Lamps for Backlight/Indicator
LT1T11A SHARP-LT1T11A Datasheet
103Kb / 5P
첩2mm, Straight Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
LT1T21A SHARP-LT1T21A Datasheet
110Kb / 5P
첩2mm, Straight Type, Colorless Transparency, Compact LED Lamp for Backlight/Indicator
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
Convex Type, Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com