Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE000DD3D Datasheet(PDF) 2 Page - Tyco Electronics

Part # PE000DD3D
Description  The CHAMELEON Adaptable Module for DC Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE000DD3D Datasheet(HTML) 2 Page - Tyco Electronics

  PE000DD3D Datasheet HTML 1Page - Tyco Electronics PE000DD3D Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P Series
The CHAMELEON Adaptable Module for DC Applications (continued)
Corcom Product Guide
224
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Performance Data
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Differential Mode / Symmetrical (Line to Line)
Measured in closed 50 Ohm system
Case Styles
PE
Case Dimensions
Recommended Panel Cutouts
Part No.
A
B
C
D
E
F


  

PE
     
     
PS
    
    
 
Accessories
GA210 – (shown above) Pre-assembled connector
housing with two 36” long 18 gauge wires to mate
with P Series DC filters
MOLEX Part Numbers:
03-12-1026
DC Connector housing for P Series
18-12-1222
Female terminals (2 per connector)
Red
Black
Note: The external edges (installation side) on the "D" sides of the
cutout should have a minimum .020" radius. For optimal retention
against extraction, the corresponding inner edge should be sharp,
without paint or coatings. Edge coatings, including anodization are
also discouraged for good shield contact.
D
E
.06
1.52
R Max.
.020
.508
R Min.
External Edge
(1)
A
B
C
F
.07
1.78 min. Radius
Ground connection
PS
A
B
C



   

 

        


      

     



  

 

     


     

     



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com