Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL2PR6 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL2PR6
Description  첩2mm, Convex Type, Colored Diffusion LED Lamps for Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL2PR6 Datasheet(HTML) 1 Page - Sharp Corporation

  GL2PR6 Datasheet HTML 1Page - Sharp Corporation GL2PR6 Datasheet HTML 2Page - Sharp Corporation GL2PR6 Datasheet HTML 3Page - Sharp Corporation GL2PR6 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GL2tt6 series
(Unit : mm)
LED Lamp
GL2tt6 series
s Outline Dimensions
ø2.0
ø2.0
2.5
4.0
4.4
2-R0.2
C10
4-R0.2
0.5
±0.1
0.5
±0.1
2.54NOM
1
2
Colored diffusion
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
DC
Pulse
GL2PR6
GL2HD6
GL2HS6
GL2HY6
GL2EG6
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
23
84
84
84
84
10
30
30
30
30
0.13
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
260
260
260
260
260
50
50
50
50
50
5
5
5
5
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Red
Sunset orange
Yellow
Yellow-green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL2PR6
GL2HD6
GL2HS6
GL2HY6
GL2EG6
TYP
MAX
1.9
2.0
2.0
2.0
2.1
2.3
2.8
2.8
2.8
2.8
695
635
610
585
565
5
20
20
20
20
5
20
20
20
20
5
20
20
20
20
10
10
10
10
10
4
4
4
4
4
55
20
15
35
35
1
1
1
1
1
→
→
→
→
→
100
35
35
30
30
1.5
12
12
12
15
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
diffusion
s Electro-optical Characteristics
ø2mm, Convex Type, Colored
Diffusion LED Lamps for
Indicator
57
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)


Similar Part No. - GL2PR6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL2PR6 ETC-GL2PR6 Datasheet
100Kb / 4P
Convex Type, Colored Diffusion LED Lamps for Indicator
GL2PR6 ETC1-GL2PR6 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL2PR6

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL1PR111 SHARP-GL1PR111 Datasheet
97Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR112 SHARP-GL1PR112 Datasheet
98Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR135 SHARP-GL1PR135 Datasheet
99Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL1PR136 SHARP-GL1PR136 Datasheet
99Kb / 4P
첩2mm, Forming Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
GL4PR8 SHARP-GL4PR8 Datasheet
81Kb / 4P
첩4mm, Cylinder Type, Colored Diffusion LED Lamps for Indicator
GL8PR22 SHARP-GL8PR22 Datasheet
78Kb / 4P
5.0X5.0mm, Square Type, Colored Diffusion LED Lamps for Indicator
GL8PR42 SHARP-GL8PR42 Datasheet
80Kb / 4P
2.0X4.0mm, Rectangle Type, Colored Diffusion LED Lamps for Indicator
LT1T11A SHARP-LT1T11A Datasheet
103Kb / 5P
첩2mm, Straight Type, Colored Diffusion, Compact LED Lamp for Backlight/Indicator
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
Convex Type, Colored Diffusion LED Lamps for Indicator
logo
Sharp Corporation
GL4HY8 SHARP-GL4HY8 Datasheet
121Kb / 6P
4mm, CYLINDER TYPE, COLORED DIFFUSION LED LAMPS FOR INDICATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com