Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL390V Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL390V
Description  Thin Bow Type Resin Mold Package Infrared Emitting Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL390V Datasheet(HTML) 2 Page - Sharp Corporation

  GL390V Datasheet HTML 1Page - Sharp Corporation GL390V Datasheet HTML 2Page - Sharp Corporation GL390V Datasheet HTML 3Page - Sharp Corporation GL390V Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Ta=25 ˚C )
0
20
40
60
80
100
120
- 25
0
25
50
75 85 100
125
10
50
100
500
1000
5000
10000
10 -3
10 -2
10 -1
1
Ta = 25˚C
V F
IF = 50mA
1.3
1.5
V
GL390
V FM
IFM = 0.5A
-
-
2.2
3.5
V
GL390V
-
1.9
3.0
IR
V R =3V
-
-
10
µ A
GL390
IE
IF = 50mA
713
-
mW/sr
GL390V
916
-
λ P
IF = 5mA
-
950
-
nm
IF = 5mA
-45
-
nm
GL390
Ct
V R = 0 f = 1MHz
-70
-
-
pF
GL390V
-50
fc
-
300
-
kHz
θ
IF = 20mA
-
± 18
-
˚
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Peak forward voltage
Reverse current
Radiant intensity
Peak emission wavelength
Half intensity wavelength
Terminal capacitance
Response frequency
Half intensity angle
*3
Fig. 1 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (˚C )
Duty ratio
Pulse width <=100
µ s
GL390/GL390V
Forward voltage
*3
I E : Value obtained by converting the value in power of radiant fluxes emitted at the solid angle of 0.01 sr (steradian) in the direction of mechanical axis of
the lens portion into 1 sr or all those emitted from the light emitting diode.
Fig. 2 Peak Forward Current vs. Duty Ratio
∆λ
∆
s



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com