Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR440 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR440
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR440 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR440 Datasheet HTML 8Page - Analog Devices ADR440 Datasheet HTML 9Page - Analog Devices ADR440 Datasheet HTML 10Page - Analog Devices ADR440 Datasheet HTML 11Page - Analog Devices ADR440 Datasheet HTML 12Page - Analog Devices ADR440 Datasheet HTML 13Page - Analog Devices ADR440 Datasheet HTML 14Page - Analog Devices ADR440 Datasheet HTML 15Page - Analog Devices ADR440 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 12 of 20
VOUT = 1V/DIV
VIN = 5V/DIV
TIME = 200µs/DIV
CIN = COUT = 0.1µF
Figure 21. ADR441 Turn-Off Response
VOUT = 1V/DIV
VIN = 5V/DIV
CIN = 0.1µF
COUT = 10µF
TIME = 200µs/DIV
Figure 22. ADR441 Turn-On Response
2V/DIV
4V
2mV/DIV
CIN = 0.1µF
COUT = 10µF
TIME = 100µs/DIV
Figure 23. ADR441 Line Transient Response
LOAD OFF
LOAD ON
5mV/DIV
CIN = 0.1µF
COUT = 10µF
TIME = 200µs/DIV
Figure 24. ADR441 Load Transient Response
LOAD OFF
LOAD ON
5mV/DIV
CIN = COUT = 0.1µF
TIME = 200µs/DIV
Figure 25. ADR441 Load Transient Response
CH 1 p-p
1.18µV
1µV/DIV
TIME = 1s/DIV
Figure 26. ADR441 0.1 Hz to 10.0 Hz Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com