Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ2M-CPU35 Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # CJ2M-CPU35
Description  SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU35 Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button CJ2M-CPU35 Datasheet HTML 21Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 22Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 23Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 24Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 25Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 26Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 27Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 28Page - Omron Electronics LLC CJ2M-CPU35 Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
25
CJ2M-CPU3
@/-CPU1@/-MD21@
Pulse I/O Module MIL connector Wiring Methods
To connect to a Terminal Block, use an OMRON Cable preassembled with the special connector or attach the special connector (sold separately)
to a cable yourself.
Using User-made Cables with Connector
Connector Models
Compatible Connector Specifications
• MIL Flat Cable Connectors (40-pin Pressure-fitted Connectors)
• MIL Loose Wire Crimp Connectors (40-pin Pressure-fitted Connectors)
Note: 1. Contacts are included with the Socket.
2. Select either the Hood Cover or the Partial Cover.
Wiring
We recommend using a cable with wires sized between 28 and 24 AWG (0.2 to 0.08 mm2). Use a wire with an outer diameter of 1.61 mm max.
Compatible Terminal Blocks
Name
OMRON model number
Socket
XG4M-4030
Stain Relief
XG4M-4004
Set model number
XG4M-4030-T
Recommended Flat Cable
XY3A-200
@
Name
OMRON model number
Socket
AWG24
XG5M-4032-N
AWG26 to AWG28
XG5M-4035-N
Spare Contacts
(See note 1.)
AWG24
XG5W-0031-N
AWG26 to AWG28
XG5W-0034-N
Hood Cover (See note 2.)
XG5S-4022
Partial Cover (See note 2.)
(2 required for each socket)
XG5S-2001
Recommended Cable
Compatible Terminal Block
Number of pins
Size
Temperature (
°C)
XW2Z-
@@@K
XW2D-40G6
40
Small
0 to 55
XW2B-40G5
Standard
XW2B-40G4
Socket
Stain relief
Hood Cover
Partial Cover
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com