Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G3VM-41HR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-41HR
Description  MOS FET Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-41HR Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-41HR Datasheet HTML 1Page - Omron Electronics LLC G3VM-41HR Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
55
G3VM-41HR
G3VM-41HR
■ Absolute Maximum Ratings (Ta = 25°C)
■ Electrical Characteristics (Ta = 25°C)
■ Recommended Operating Conditions
Use the G3VM under the following conditions so that the Relay will operate properly.
■ Engineering Data
Load Current vs. Ambient Temperature
G3VM-41HR
■ Safety Precautions
Refer to “Common Precautions” for all G3VM models.
Item
Symbol
Rating
Unit
Measurement Conditions
Input
LED forward current
IF
30
mA
LED forward current reduction rate
∆ IF/°C
−0.3
mA/
°CTa ≥ 25°C
LED reverse voltage
VR
5V
Connection temperature
Tj
125
°C
Output
Load voltage (AC peak/DC)
VOFF
40
V
Continuous load
current
Connection A
IO
2.5
A
Connection A: AC peak/DC
Connection B and C: DC
Connection B
2.5
Connection C
5
ON current reduction
rate
Connection A
∆ I
IO/°C
−33.3
mA/
°CTa ≥ 50°C
Connection B
−33.3
Connection C
−66.7
Pulse on current
Iop
7.5
A
t = 100 ms
Connection temperature
Tj
125
°C
Dielectric strength between input and
output (See note 1.)
VI-O
1,500
Vrms
AC for 1 min
Operating temperature
Ta
−40 to +85
°C
With no icing or condensation
Storage temperature
Tstg
−55 to +125 °C
With no icing or condensation
Soldering temperature (10 s)
---
260
°C
10 s
Load
or
AC
DC
1
2
3
6
5
4
1
2
3
6
5
4
Load
DC
DC
Load
Connection Diagram
Connection
A
Connection
B
Connection
C
1
2
3
6
5
4
Note:
1. The dielectric strength between the in-
put and output was checked by apply-
ing voltage between all pins as a
group on the LED side and all pins as
a group on the light-receiving side.
Item
Symbol
Mini-
mum
Typical
Maxi-
mum
Unit
Measurement
conditions
Input
LED forward voltage
VF
1.18
1.33
1.48
V
IF = 10 mA
Reverse current
IR
---
---
10
µAV
R = 5 V
Capacity between terminals
CT
---
70
---
pF
V = 0, f = 1 MHz
Trigger LED forward current
IFT
---
0.4
3
mA
IO = 100 mA
Output
Maximum resistance
with output ON
Connection A
RON
---
0.03
0.06
Ω
IF = 5 mA, IO = 2 A, t < 1S
Connection B
---
0.015
0.03
Ω
IF = 5 mA, IO = 2 A, t < 1S
Connection C
---
0.008
---
Ω
IF = 5 mA, IO = 4 A, t < 1S
Current leakage when the relay is
open
ILEAK
---
---
10
nA
VOFF = 40 V
Capacity between I/O terminals
CI-O
---
0.8
---
pF
f = 1 MHz, Vs = 0 V
Insulation resistance
RI-O
1,000
---
---
M
Ω
VI-O = 500 VDC,
RoH
≤ 60%
Turn-ON time
tON
---
1.0
5.0
ms
IF = 5 mA, RL = 200 Ω,
VDD = 20 V (See note 2.)
Turn-OFF time
tOFF
---
0.15
1.0
ms
VOUT
IF
t ON
t OFF
10%
90%
IF
1
2
6
4
RL
VDD
VOUT
Note:
2. Turn-ON and Turn-OFF
Times
Item
Symbol
Minimum
Typical
Maximum
Unit
Load voltage (AC peak/DC)
VDD
---
---
40
V
Operating LED forward current
IF
57.5
20
mA
Continuous load current (AC peak/DC)
IO
---
---
2
A
Operating temperature
Ta
−20
---
65
°C
6
5
4
3
2
1
0
−20
0
20
40
60
80
100
Ambient temperature (
°C)
Connection C
Connection A, Connection B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com