Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL3PR41 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL3PR41
Description  첩3mmT-1, Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3PR41 Datasheet(HTML) 1 Page - Sharp Corporation

  GL3PR41 Datasheet HTML 1Page - Sharp Corporation GL3PR41 Datasheet HTML 2Page - Sharp Corporation GL3PR41 Datasheet HTML 3Page - Sharp Corporation GL3PR41 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
38
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
(Unit : mm)
(Ta=25˚C)
LED Lamp
GL3tt41 series
GL3tt41 series
s Outline Dimensions
ø3.8
ø 3.0
Colored transparency
0.5
±0.1
2.54NOM
1
2
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
s Radiation Diagram
0˚
0
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
100
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
20
40
60
80
DC
Pulse
GL3PR41
GL3HD41
GL3HS41
GL3HY41
GL3EG41
GL3KG41
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
23
84
84
84
84
84
10
30
30
30
30
30
0.13
0.40
0.40
0.40
0.40
0.40
0.67
0.67
0.67
0.67
0.67
0.67
260
260
260
260
260
260
50
50
50
50
50
50
5
5
5
5
5
5
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL3PR41
GL3HD41
GL3HS41
GL3HY41
GL3EG41
GL3KG41
TYP
MAX
1.9
2.0
2.0
2.0
2.1
2.1
2.3
2.8
2.8
2.8
2.8
2.8
695
635
610
585
565
555
5
20
20
20
20
20
5
20
20
20
20
20
5
20
20
20
20
20
10
10
10
10
10
10
4
4
4
4
4
4
55
20
15
35
35
40
1
1
1
1
1
1
→
→
→
→
→
→
100
35
35
30
30
25
12
110
100
100
130
60
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored
transparency
s Electro-optical Characteristics
ø3mm(T-1), Cylinder Type,
Colored Transparency LED
Lamps for Backlight/Indicator


Similar Part No. - GL3PR41

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3PR43 SHARP-GL3PR43 Datasheet
82Kb / 4P
첩3mmT-1, CylinderThin Type, Colored Transparency LED Lamps for Backlight
GL3PR43 SHARP-GL3PR43 Datasheet
358Kb / 6P
3 MM(T-l) CYLINDER LAMPS
logo
List of Unclassifed Man...
GL3PR43 ETC1-GL3PR43 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
logo
Sharp Corporation
GL3PR44 SHARP-GL3PR44 Datasheet
83Kb / 4P
첩3mmT-1, Cylinder Type, Colorless Transparency LED Lamps for Backlight/Indicator
logo
List of Unclassifed Man...
GL3PR44 ETC1-GL3PR44 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL3PR41

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL3PR43 SHARP-GL3PR43 Datasheet
82Kb / 4P
첩3mmT-1, CylinderThin Type, Colored Transparency LED Lamps for Backlight
GL3PR44 SHARP-GL3PR44 Datasheet
83Kb / 4P
첩3mmT-1, Cylinder Type, Colorless Transparency LED Lamps for Backlight/Indicator
GL3PR62 SHARP-GL3PR62 Datasheet
62Kb / 3P
첩3mmT-1, Cylinder TypeFlangeless, Colored Transparency LED Lamps for Backlight/Indicator
GL3PR63 SHARP-GL3PR63 Datasheet
80Kb / 4P
첩3mmT-1, Cylinder TypeFlangeless, Colored Diffusion LED Lamps for Backlight/Indicator
GL3UR43 SHARP-GL3UR43 Datasheet
48Kb / 2P
첩3mmT-1, CylinderThin Type, Colored Transparency, Highluminosity LED Lamps for Backlight
GL3UR44 SHARP-GL3UR44 Datasheet
48Kb / 2P
첩3mmT-1, Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Backlight/Indicator
GL3UR8 SHARP-GL3UR8 Datasheet
94Kb / 4P
첩3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
GL5PR41 SHARP-GL5PR41 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency LED Lamps for Backlight/Indicator
GL8HD5 SHARP-GL8HD5 Datasheet
91Kb / 4P
2.9X4.9mm, Rectangle Type, Colored Transparency LED Lamps for Backlight/Indicator
GL8PR25 SHARP-GL8PR25 Datasheet
83Kb / 4P
2.0X3.2mm, Rectangle Type, Colored Transparency LED Lamps for Backlight/Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com