Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12314CB Datasheet(PDF) 2 Page - Dialight Corporation

Part # 12314CB
Description  VEHICLE SPOT LIGHT (WITH AND WITHOUT OPTICS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

12314CB Datasheet(HTML) 2 Page - Dialight Corporation

  12314CB Datasheet HTML 1Page - Dialight Corporation 12314CB Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDTBLUMGU_01
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
VEHICLE SPOT LIGHT
(WITH AND WITHOUT OPTICS)
DRIVERS
APPLICATION
MLV3-C-35
1 - 3 Units
MLV9-C-35
3 - 9 Units
PART NUMBER
SIZE
DESCRIPTION
12284CB
1” round lens
2” round housing
12-24vdc dome
12294CB
1” round lens
2” round housing
12-24vdc eyelid
12304CB
1” round lens
2” round housing
12-24vdc flush mount
12314CB
1” round lens
2” round housing
12-24vdc 5 degree base spot
12324CB
1” round lens
2” round housing
12-24vdc 15 degree base spot
12334CB
1” round lens
2” round housing
12-24vdc 25 degree base spot
12344CB
1” round lens
2” round housing
12-24vdc oval base spot
PRELIMINARY
Dialight reserves the right to make changes at any
time in order to supply the best product possible.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com