Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDJB3 Datasheet(PDF) 1 Page - Dialight Corporation

Part # CDJB3
Description  CDJB MOLEX SPLITTER BLOCKS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

CDJB3 Datasheet(HTML) 1 Page - Dialight Corporation

  CDJB3 Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
Splits driver signal and power from various
colordrivers
Allows user to drive multiple color engines from a
single colordriver
CDJB MOLEX
SPLITTER BLOCKS
MECHANICAL DIMENSIONS
MDEXLUMCDJB_B
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
CDJB3: 64mm x 29mm x 15.5mm
(2.52” x 1.14” x 0.61”)
CDJB7: 123mm x 29mm x 15.5mm
(4.84” x 1.14” x 0.61”)
CDJB-BL: fits into terminals on CDJB3 or 7 (plug for un-used slots)
PART NUMBERS
CDJB7 pictured
CDJB3
3 to 1 molex splitter block
CDJB7
7 to 1 molex splitter block
CDJB-BL
Plug for unused slots (must be
installed on any unused slots)


Similar Part No. - CDJB3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDJP2B10-10D-BM9BS ETC-CDJP2B10-10D-BM9BS Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
CDJP2B10-15D-BM9BS ETC-CDJP2B10-15D-BM9BS Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
CDJP2B10-20D-BM9BS ETC-CDJP2B10-20D-BM9BS Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
CDJP2B10-25D-BM9BS ETC-CDJP2B10-25D-BM9BS Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
CDJP2B10-30D-BM9BS ETC-CDJP2B10-30D-BM9BS Datasheet
1Mb / 32P
2 auto switches can be mounted on a cylinder, even with the ø4 bore size (5 mm stroke).
More results

Similar Description - CDJB3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015311021 MOLEX1-0015311021 Datasheet
165Kb / 2P
MOLEX-JAPAN CO.LTD
0015311031 MOLEX1-0015311031 Datasheet
166Kb / 2P
MOLEX-JAPAN CO.LTD
0015311032 MOLEX1-0015311032 Datasheet
145Kb / 2P
MOLEX-JAPAN CO.LTD
0015311041 MOLEX1-0015311041 Datasheet
161Kb / 2P
MOLEX-JAPAN CO.LTD
0015311042 MOLEX1-0015311042 Datasheet
147Kb / 2P
MOLEX-JAPAN CO.LTD
0015311062 MOLEX1-0015311062 Datasheet
157Kb / 2P
MOLEX-JAPAN CO. LTD
0015311092 MOLEX1-0015311092 Datasheet
159Kb / 2P
MOLEX-JAPAN CO.LTD
0015311121 MOLEX1-0015311121 Datasheet
190Kb / 2P
MOLEX-JAPAN CO. LTD
0015311151 MOLEX1-0015311151 Datasheet
230Kb / 2P
MOLEX-JAPAN CO. LTD
987651-8711 MOLEX-987651-8711 Datasheet
1Mb / 4P
Molex RFID Solutions
2019.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com