Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HBC9C3M Datasheet(PDF) 3 Page - Dialight Corporation

Part # HBC9C3M
Description  SafeSite Series LED High Bay Fixture
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBC9C3M Datasheet(HTML) 3 Page - Dialight Corporation

  HBC9C3M Datasheet HTML 1Page - Dialight Corporation HBC9C3M Datasheet HTML 2Page - Dialight Corporation HBC9C3M Datasheet HTML 3Page - Dialight Corporation HBC9C3M Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Description
Kit Includes
CID2
CID1
No Part Number
Pendant Mount
(Conduit supplied by installer)
Conduit supplied by installer
X
X
HBXW1
Wall Mount
Junction Box
Fixture Hanger Cover
Rigid Pipe Sweep
X
X
HBXW2
Swivel Bracket and Cable Gland
Swivel Bracket
Bracket to fixture hardware
Cable Gland
X
HBXC1
Ceiling Mount
Junction Box
Fixture Hanger Cover
3" Rigid Pipe
X
X
HBXCG
Cable Gland
Cable Gland
X
www.dialight.com
Mounting Options & Accessories
Dimensions in Inches [mm]
6.88
[174.75]
(6) 1/4”-20 SELF TAPPED SCREW HOLE
1.88 [47.75]
16.00
[406.40]
10’ [3.05m]
cord
16.00
[406.40]
(2) 5/16”-18 X .75” THREADED
3.00
[76.20]
1.95
[49.53]
SafeSite
® Series LED High Bay
Mechanical Drawing
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com