Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GU2-R-D-US Datasheet(PDF) 1 Page - Dialight Corporation

Part # GU2-R-D-US
Description  SINGLE LED MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

GU2-R-D-US Datasheet(HTML) 1 Page - Dialight Corporation

  GU2-R-D-US Datasheet HTML 1Page - Dialight Corporation GU2-R-D-US Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
Onboard drive accepts low voltage input
Long life, up to 60,000 hours
Low 1.5 watt power consumption
Low profile - ADA compliant
Optional niche mounting box available for direct burial
in concrete or ground
Uses the latest LUXEON® Rebel LED technology
ETL listed to UL2108 standards for dry, damp or wet
locations
IP67 rated for interior or exterior use
40 lumen output for white.
Consult factory for additional options
OPERATING CONDITIONS
Runs off 8-24 VDC or 10-14 VAC
Current draw = 0.128A@ 12 VDC, 1.5 watts
MDEXLUMGU2_B
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MATERIALS/FINISH
Anodized aluminum base and “snap-on” top cover
PMMA lens
PTFE Lead Wires 20” (508mm) long, 20 AWG
APPLICATIONS
Ideal for any difficult to maintain location low level pathway
systems, architectural accent, staircases, decks, kitchens,
etc. Easily mounts to wood, tile, stone, glass,
stainless steel, etc
PRIVATE LABEL
OEM PROGRAM
Multiple modules can be connected in parallel for
longer runs off a single supply.
Ambient Temperature limits -30ºC to +55ºC
(-22ºF to +131ºF)
Dialight Lumidrives
York House • Weatherby Road • Long Marston, York, YO26 7NH
Tel: 0845 6346161 • Fax: 0845 6346160 • www.dialight.com
ORDERING INFORMATION
Guida 2 Base
Series - Cover Type
GU - Dome
GU - Flush
GU - Eyelid
Base & cover purchased separately
Guida 2 Covers
LED Color (A)
Optical Pattern (B)
Version (CC)
C = Cool White 5300K / *40 lumen min
D = Diffused
“Blank” =
European Market
Version
N = Neutral White 4000K / *40 lumen min
S = Spot
W = Warm White 3050K / *40 lumen min
R = Red
US =
North America
Version
G = Green
B = Blue
A = Amber
GU-MBX = Euro version
GU-MBX-US = US version
Mounting Box
* LED flux data is manufacturers test data @ 25ºC TJ. Light output at max
acceptable ambient temp will be approximately 25-30% lower, depending on
thermal conductivity of mounting surface and lens type.
GU2 SERIES
SINGLE LED MODULE
DOME
FLUSH
EYELID


Similar Part No. - GU2-R-D-US

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GU20N03 GTM-GU20N03 Datasheet
327Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GU2179-25 ETL-GU2179-25 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
GU2179-47 ETL-GU2179-47 Datasheet
558Kb / 6P
C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
logo
Whirlpool.
GU2275XTV WHIRLPOOL-GU2275XTV Datasheet
251Kb / 1P
Undercounter Dishwasher
9-08-11
GU2300XTV WHIRLPOOL-GU2300XTV Datasheet
251Kb / 1P
Undercounter Dishwasher
9-08-11
More results

Similar Description - GU2-R-D-US

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS-MDR3W-W5DLS1C1A OPTOSUPPLY-OS-MDR3W-W5DLS1C1A Datasheet
201Kb / 3P
LED MODULE
OS-MDS3W-W5DTS4C1A OPTOSUPPLY-OS-MDS3W-W5DTS4C1A Datasheet
272Kb / 3P
LED MODULE
logo
Dialight Corporation
GU-W DIALIGHT-GU-W Datasheet
307Kb / 2P
SINGLE LED MODULE
logo
Ningbo Foryard Optoelec...
FYLM-1134UX3C-03-03-12V-W FORYARD-FYLM-1134UX3C-03-03-12V-W Datasheet
1Mb / 4P
LED Module
FYLM-2835UXX-03-48-12V-W FORYARD-FYLM-2835UXX-03-48-12V-W Datasheet
1Mb / 4P
LED Module
FYLM-3528UXX-02-16-12V-W FORYARD-FYLM-3528UXX-02-16-12V-W Datasheet
1Mb / 4P
LED Module
FYLM-5050UXX-01-11-12V-W FORYARD-FYLM-5050UXX-01-11-12V-W Datasheet
933Kb / 4P
LED Module
FYLM-5050UXX-01-16-12V-W FORYARD-FYLM-5050UXX-01-16-12V-W Datasheet
1Mb / 4P
LED Module
FYLM-5050UXX-03-16-12V-W FORYARD-FYLM-5050UXX-03-16-12V-W Datasheet
1Mb / 4P
LED Module
FYLM-5630UXX-02-06-12V-W FORYARD-FYLM-5630UXX-02-06-12V-W Datasheet
1,012Kb / 4P
LED Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com