Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH20D14HF-R82NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH20D14HF-R82NC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D14HF-R82NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH20D14HF-R82NC Datasheet HTML 1Page - Sumida Corporation CDH20D14HF-R82NC Datasheet HTML 2Page - Sumida Corporation CDH20D14HF-R82NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 26-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D14
0
2
4
6
8
10
12
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0.0
1.5
3.0
4.5
6.0
7.5
9.0
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0.0 0.2 0.4 0.6 0.8 1.0
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.4 0.8 1.2 1.6 2.0
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0 0.5 1.0 1.5 2.0 2.5
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDH20D14HF-R33NC
△T (℃)
L (
μH)
2. CDH20D14HF-R42NC
△T (℃)
L (
μH)
3. CDH20D14HF-R68NC
L (
μH)
DC (A)
5. CDH20D14HF-1R0NC
△T (℃)
L (
μH)
6. CDH20D14HF-1R5NC
DC (A)
7. CDH20D14HF-2R2MC
△T (℃)
L (
μH)
8. CDH20D14HF-3R3MC
△T (℃)
L (
μH)
DC (A)
9. CDH20D14HF-4R7MC
DC (A)
4. CDH20D14HF-R82NC
△T (℃)
DC (A)
DC (A)
10. CDH20D14HF-6R8MC
△T (℃)
L (
μH)
DC (A)
11. CDH20D14HF-8R2MC
△T (℃)
L (
μH)
DC (A)
12. CDH20D14HF-100MC
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com