Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL461 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GL461
Description  Double Ended Mold Type Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL461 Datasheet(HTML) 2 Page - Sharp Corporation

  GL461 Datasheet HTML 1Page - Sharp Corporation GL461 Datasheet HTML 2Page - Sharp Corporation GL461 Datasheet HTML 3Page - Sharp Corporation GL461 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GL460/GL461
Duty ratio
- 25
0
25
50
75
100
975
950
925
900
-25
0
10
20
30
40
50
60
0
25
50
75
100
125
85
1
10
100
Pulse width
100
µs
880
900
920
940
960
980
0
20
40
60
80
100
120
Wavelength
λ ( nm)
880
900
920
940
960
980
0
20
40
60
80
100
120
Wavelength
λ ( nm )
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1
2
5
10
20
50
100
200
500
25˚C
0˚C
50˚C
- 20˚C
Fig. 1 Forward Current vs.
Ambient Temperature
Fig. 2 Peak Forward Current vs. Duty Ratio
10 -4
10 -3
10 -2
10 -1
Fig. 3-a Spectral Distribution
(GL460 )
Fig. 3-b Spectral Distribution
(GL461 )
Fig. 5 Forward Current vs. Forward Voltage
Forward voltage VF (V)
Fig. 4 Peak Emission Wavelength vs.
Ambient Temperature
T a = 75˚C
Ambient temperature Ta (˚C)
Ta = 25˚C
Ambient temperature Ta (˚C)
1
IF = 20mA
Ta= 25˚C
IF = 20mA
Ta= 25˚C
1000
1000
1020
1040
1000
1020
1040
1000
IF = const.
<=



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com