Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH20D08HF-R47NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH20D08HF-R47NC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D08HF-R47NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDH20D08HF-R47NC Datasheet HTML 1Page - Sumida Corporation CDH20D08HF-R47NC Datasheet HTML 2Page - Sumida Corporation CDH20D08HF-R47NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 26-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D08
Description
• Ferrite drum core construction.
• Magnetically Unshielded.
• L
×W×H: 2.2×2.2 x0.9 mm Max.
• Product weight: 10.5mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range:-40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range:-40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
Applications
• Ideally used in smart phone and other
portable devices.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2.0±0.2
2.
0±
0.
2
0.9 Max.
0.55
0.70
0.55
2
.
0
0 . 6 0
0 . 7 5
0 . 7 5
0.29
0.45 (0.56)
1.215 (1.012)
8.2
±20%
K
CDH20D08HF-8R2MC
0.35
0.50 (0.63)
1.011 (808m)
6.8
±20%
J
CDH20D08HF-6R8MC
0.44
0.61 (0.76)
700m (560m)
4.7
±20%
G
CDH20D08HF-4R7MC
0.46
0.67 (0.84)
585m (468m)
3.3
±20%
F
CDH20D08HF-3R3MC
0.61
0.80 (1.00)
368m (295m)
2.2
±20%
E
CDH20D08HF-2R2MC
0.66
0.94 (1.18)
275m (220m)
1.5
±30%
D
CDH20D08HF-1R5NC
0.78
1.15 (1.44)
182m (146m)
1.0
±30%
C
CDH20D08HF-1R0NC
1.15
1.48 (1.85)
134m (107m)
0.68
±30%
B
CDH20D08HF-R68NC
1.44
1.89 (2.36)
85m (67m)
0.47
±30%
A
CDH20D08HF-R47NC
Temperature rise
current (
A) ※2
Saturation current
(A)
※1 (at20℃)
D.C.R.(
Ω) [Max.]
(at 20
℃)
Inductance
[
μH] 1MHz
Stamp
Part name
※1. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
Electrical Characteristics


Similar Part No. - CDH20D08HF-R47NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH20D07 SUMIDA-CDH20D07 Datasheet
147Kb / 2P
Power Inductors
CDH20D07NP-1R0M SUMIDA-CDH20D07NP-1R0M Datasheet
147Kb / 2P
Power Inductors
CDH20D07NP-1R3M SUMIDA-CDH20D07NP-1R3M Datasheet
147Kb / 2P
Power Inductors
CDH20D07NP-1R5M SUMIDA-CDH20D07NP-1R5M Datasheet
147Kb / 2P
Power Inductors
CDH20D07NP-1R8M SUMIDA-CDH20D07NP-1R8M Datasheet
147Kb / 2P
Power Inductors
More results

Similar Description - CDH20D08HF-R47NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com