Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH20D14HF-R42NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH20D14HF-R42NC
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D14HF-R42NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDH20D14HF-R42NC Datasheet HTML 1Page - Sumida Corporation CDH20D14HF-R42NC Datasheet HTML 2Page - Sumida Corporation CDH20D14HF-R42NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 26-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D14
Description
• Ferrite drum core construction.
• Magnetically Unshielded.
• L
×W×H: 2.2×2.2 x1.5 mm Max.
• Product weight: 16.3mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range:-40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range:-40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
Applications
• Ideally used in smart phone and other
portable devices.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2.0±0.2
0.55
2.
0±
0.
2
0.70
0.55
1.5 Max.
2
.0
0 . 6 0
0 . 7 5
0 . 7 5
Electrical Characteristics
0.45
0.51 (0.64)
691 (552)
10
±20%
Q
CDH20D14HF-100MC
0.47
0.58 (0.73)
607 (485)
8.2
±20%
P
CDH20D14HF-8R2MC
0.49
0.61 (0.76)
534 (426)
6.8
±20%
L
CDH20D14HF-6R8MC
0.64
0.74 (0.93)
368 (293)
4.7
±20%
K
CDH20D14HF-4R7MC
0.78
0.91 (1.14)
247 (197)
3.3
±20%
J
CDH20D14HF-3R3MC
0.90
1.08 (1.35)
194 (155)
2.2
±20%
G
CDH20D14HF-2R2MC
1.06
1.19 (1.49)
143 (113)
1.5
±30%
F
CDH20D14HF-1R5NC
1.38
1.53 (1.92)
101 (80)
1.0
±30%
E
CDH20D14HF-1R0NC
1.43
1.72 (2.15)
87 (69)
0.82
±30%
D
CDH20D14HF-R82NC
1.65
1.92 (2.40)
68 (54)
0.68
±30%
C
CDH20D14HF-R68NC
1.92
2.19 (2.74)
55 (43)
0.42
±30%
B
CDH20D14HF-R42NC
2.14
2.36 (2.95)
47 (37)
0.33
±30%
A
CDH20D14HF-R33NC
Temperature rise
current (
A) ※2
Saturation current
(A)
※1 (at20℃)
D.C.R.(m
Ω)[Max.]
(at 20
℃)
Inductance
[
μH] 1MHz
Stamp
Part name
※1. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDH20D14HF-R42NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH20D14D SUMIDA-CDH20D14D Datasheet
148Kb / 3P
Power Inductor
CDH20D14D SUMIDA-CDH20D14D Datasheet
145Kb / 3P
Power Inductor Magnetically unshielded construction
CDH20D14DNP-100MC SUMIDA-CDH20D14DNP-100MC Datasheet
148Kb / 3P
Power Inductor
CDH20D14DNP-150MC SUMIDA-CDH20D14DNP-150MC Datasheet
148Kb / 3P
Power Inductor
CDH20D14DNP-1R0NC SUMIDA-CDH20D14DNP-1R0NC Datasheet
148Kb / 3P
Power Inductor
More results

Similar Description - CDH20D14HF-R42NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com