Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH20D11HF-R68NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH20D11HF-R68NC
Description  Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D11HF-R68NC Datasheet(HTML) 1 Page - Sumida Corporation

  CDH20D11HF-R68NC Datasheet HTML 1Page - Sumida Corporation CDH20D11HF-R68NC Datasheet HTML 2Page - Sumida Corporation CDH20D11HF-R68NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 26-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D11
Description
• Ferrite drum core construction.
• Magnetically Unshielded.
• L
×W×H: 2.2×2.2 x1.2 mm Max.
• Product weight:13mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range:-40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range:-40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging
Applications
• Ideally used in smart phone and other
portable devices.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2.0±0.2
0.55
2.
0±
0.
2
1.2 Max.
0.70
0.55
2
.
0
0 . 6 0
0 . 7 5
0 . 7 5
Electrical Characteristics
0.30
0.49 (0.61)
1.087 (870 m)
10
±20%
P
CDH20D11HF-100MC
0.37
0.53 (0.67)
967 m (774 m)
8.2
±20%
L
CDH20D11HF-8R2MC
0.47
0.61 (0.77)
675 m (539 m)
6.8
±20%
K
CDH20D11HF-6R8MC
0.48
0.65 (0.82)
617 m (494 m)
5.6
±20%
J
CDH20D11HF-5R6MC
0.52
0.73 (0.92)
442 m (353 m)
4.7
±20%
G
CDH20D11HF-4R7MC
0.58
0.82 (1.03)
370 m (296 m)
3.3
±20%
F
CDH20D11HF-3R3MC
0.84
1.15 (1.44)
234 m (187 m)
2.2
±20%
E
CDH20D11HF-2R2MC
0.95
1.35 (1.69)
155 m (124 m)
1.5
±30%
D
CDH20D11HF-1R5NC
1.16
1.63 (2.04)
112 m (89 m)
1.0
±30%
C
CDH20D11HF-1R0NC
1.45
2.08 (2.60)
79 m (63 m)
0.68
±30%
B
CDH20D11HF-R68NC
1.62
2.24 (2.80)
69 m (55 m)
0.47
±30%
A
CDH20D11HF-R47NC
Temperature Rise
current (
A) ※2
Saturation current
(A)
※1 (at20℃)
D.C.R.(
Ω)[Max.]
(at 20
℃)
Inductance
[
μH] 1MHz
Stamp
Part name
※1. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDH20D11HF-R68NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH20D11D SUMIDA-CDH20D11D Datasheet
148Kb / 3P
Power Inductor
CDH20D11D SUMIDA-CDH20D11D Datasheet
145Kb / 3P
Power Inductor Magnetically unshielded construction
CDH20D11DNP-100MC SUMIDA-CDH20D11DNP-100MC Datasheet
148Kb / 3P
Power Inductor
CDH20D11DNP-1R0NC SUMIDA-CDH20D11DNP-1R0NC Datasheet
148Kb / 3P
Power Inductor
CDH20D11DNP-1R4NC SUMIDA-CDH20D11DNP-1R4NC Datasheet
148Kb / 3P
Power Inductor
More results

Similar Description - CDH20D11HF-R68NC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com