Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDH25D14HF-R33NC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH25D14HF-R33NC
Description  Ferrite drum core construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH25D14HF-R33NC Datasheet(HTML) 2 Page - Sumida Corporation

  CDH25D14HF-R33NC Datasheet HTML 1Page - Sumida Corporation CDH25D14HF-R33NC Datasheet HTML 2Page - Sumida Corporation CDH25D14HF-R33NC Datasheet HTML 3Page - Sumida Corporation CDH25D14HF-R33NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 9-Jul-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH25D14
Electrical Characteristics
※1. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.13(0.27)
0.30(0.40)
0.40(0.50)
2.15(1.70)
33
±20%
R
CDH25D14HF-330MC
0.27(0.32)
0.40(0.50)
0.50(0.60)
1.55(1.30)
22
±20%
Q
CDH25D14HF-220MC
0.35(0.40)
0.50(0.65)
0.60(0.75)
1.05(0.83)
15
±20%
P
CDH25D14HF-150MC
0.40(0.50)
0.60(0.75)
0.75(0.95)
0.67(0.53)
10
±20%
N
CDH25D14HF-100MC
0.55(0.60)
0.75(0.90)
0.90(1.15)
0.52(0.42)
6.8
±20%
M
CDH25D14HF-6R8MC
0.65(0.75)
0.90(1.15)
1.10(1.40)
0.30(0.24)
4.7
±20%
L
CDH25D14HF-4R7MC
0.75(0.90)
1.05(1.30)
1.30(1.60)
0.21(0.17)
3.3
±20%
K
CDH25D14HF-3R3MC
0.95(1.10)
1.25(1.55)
1.50(1.90)
0.18(0.14)
2.2
±20%
J
CDH25D14HF-2R2MC
1.15(1.30)
1.50(1.90)
1.85(2.30)
0.13(0.10)
1.5
±30%
G
CDH25D14HF-1R5NC
1.45(1.65)
1.85(2.30)
2.25(2.80)
0.095(0.075)
1.0
±30%
F
CDH25D14HF-1R0NC
1.50(1.70)
2.10(2.60)
2.50(3.10)
0.085(0.070)
0.82
±30%
E
CDH25D14HF-R82NC
1.55(1.80)
2.20(2.75)
2.70(3.40)
0.075(0.060)
0.68
±30%
D
CDH25D14HF-R68NC
1.70(1.95)
2.55(3.20)
3.05(3.80)
0.065(0.055)
0.47
±30%
C
CDH25D14HF-R47NC
1.90(2.20)
2.85(3.55)
3.40(4.25)
0.060(0.045)
0.33
±30%
B
CDH25D14HF-R33NC
2.20(2.50)
3.30(4.10)
4.15(5.20)
0.050(0.035)
0.24
±30%
A
CDH25D14HF-R24NC
(at 105
℃)
(at 20
℃)
Temperature rise
current (A)
※2
Saturation current (A)
※1
D.C.R.(
Ω)
[Max.] (Typ.)
(at 20
℃)
Inductance
[
μH] 1MHz
Stamp
Part name



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com