Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH10D38DNP-R82PC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH10D38DNP-R82PC
Description  Ferrite drum core construction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH10D38DNP-R82PC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH10D38DNP-R82PC Datasheet HTML 1Page - Sumida Corporation CDRH10D38DNP-R82PC Datasheet HTML 2Page - Sumida Corporation CDRH10D38DNP-R82PC Datasheet HTML 3Page - Sumida Corporation CDRH10D38DNP-R82PC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH10D38D
Electrical Characteristics
※1. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※2. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
0.65
0.55
1065
±20%
470
±20%
471
CDRH10D38DNP-471MC
0.76
0.65
710
±20%
330
±20%
331
CDRH10D38DNP-331MC
0.95
0.75
465
±20%
220
±20%
221
CDRH10D38DNP-221MC
1.03
0.95
355
±20%
150
±20%
151
CDRH10D38DNP-151MC
1.38
1.15
232
±20%
100
±20%
101
CDRH10D38DNP-101MC
1.74
1.40
152
±20%
68
±20%
680
CDRH10D38DNP-680MC
2.25
1.65
100
±20%
47
±20%
470
CDRH10D38DNP-470MC
2.65
2.00
71
±25%
33
±20%
330
CDRH10D38DNP-330MC
2.85
2.45
57
±25%
22
±20%
220
CDRH10D38DNP-220MC
3.70
3.00
35.5
±25%
15
±20%
150
CDRH10D38DNP-150MC
4.85
3.55
22.5
±25%
10
±20%
100
CDRH10D38DNP-100MC
5.95
4.70
15.5
±25%
6.2
±20%
6R2
CDRH10D38DNP-6R2MC
7.50
5.45
11.0
±25%
4.7
±25%
4R7
CDRH10D38DNP-4R7PC
7.90
6.45
9.0
±25%
3.3
±25%
3R3
CDRH10D38DNP-3R3PC
9.30
7.80
7.0
±25%
2.2
±25%
2R2
CDRH10D38DNP-2R2PC
11.20
9.50
5.0
±25%
1.5
±25%
1R5
CDRH10D38DNP-1R5PC
12.70
12.90
3.5
±25%
0.82
±25%
R82
CDRH10D38DNP-R82PC
TEMPERATURE
RISE CURRENT(A)
※2
SATURATION
CURRENT(A)
※1
(at 20
℃)
D.C.R. (m
Ω)
(at 20
℃)
INDUCTANCE
[WITHIN] (100kHz)
STAMP
PART NAME



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com