Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPK24 Datasheet(PDF) 1 Page - Dialight Corporation

Part # LPK24
Description  DuroSite Series LPK LED Linear Fixture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LPK24 Datasheet(HTML) 1 Page - Dialight Corporation

  LPK24 Datasheet HTML 1Page - Dialight Corporation LPK24 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DuroSite™ Series LPK LED
Linear Fixture
Dimensions in Inches [mm]
Application:
The Dialight Durostie™ Series LED Linear Fixture is a rugged and durable
solution for demanding industrial and utility lighting applications. Its sealed
housing allows its use outdoors as well as indoors and with its automatic
input voltage sensing it can be used in most locations around the world.
The fixture is rated for 60,000 hours continuous operation, requiring no
maintenance apart from routine inspection throughout its operational life.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy savings,
reduced maintenance costs, and a superior quality of light.
Mechanical Information:
Container Dimensions:
LPK24 = 8.27” X 6.10” X 30.70”
210mm x 155mm x 780mm
LPK48 = 8.27” X 6.10” X 45.67”
210mm x 155mm x 1160mm
Container Weight:
LPK24 = 13.5lbs (6.13kg)
LPK48 = 19.8lbs (9.00kg)
Electrical specifications:
Operating Voltage:
90-277V 50/60Hz
Power Consumption:
LPK24 = 36W
LPK48 = 72W
Operating Temp:
-40ºF to +133ºF (-40ºC to +56ºC)
Surge / Lightning
1 kV line to line
Protection:
2 kV line to ground
THD:
< 20%
Power Factor:
> 0.9
Material:
Body:
Anodized alum. 6061
Lens:
Clear polycarbonate
Accessories (hardware): Stainless steel
Photometric Information:
CRI (typ):
70
CCT (typ):
6350K (cool white)
3500K (warm white)
Certifications & Ratings:
w
Certified to UL1598
w
CE compliant
w
CSA 22.2 # 250.0-04
w
IP65 rated (UL Versions)
w
IP66 rated (CE Versions)
Features & Benefits:
w
>70% lumen maintenance after 60,000 operating hours
w
Utilizes the latest >100 lumens per LED technology for cool white
w
Optional optics to direct light where most needed results in
significant energy savings and/or increased luminaire spacing
w
Can be wired in series
w
Instant on/off
w
Universal input voltage 90-277V 50/60Hz
UL Order Codes:
UL Version Part Number
Description
Initial Fixture Lumens
LPK000623112400
LPK24 Cool White
2,000
LPK000621112600
LPK24 Cool White w/ Wide Optics
1,800
LPK000643112400
LPK48 Cool White
4,000
LPK000641112600
LPK48 Cool White w/ Wide Optics
3,600
www.dialight.com
CE Order Codes:
CE Version Part Numbers
Description
Initial Fixture Lumens
LPK24CWNOX
LPK24 Cool White
2,010
LPK24WWNOX
LPK24 Warm White
2,010
LPK48CWNOX
LPK48 Cool White
4,020
LPK48WWNOX
LPK48 Warm White
4,020


Similar Part No. - LPK24

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
DuroSite짰 LPK LED Langfeldleuchte
More results

Similar Description - LPK24

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-CW-S DIALIGHT-CDS-425-CW-S Datasheet
191Kb / 2P
CD Series White LED Linear Fixture
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
CD Series LED Linear RGB Fixture
LBW1C1D DIALIGHT-LBW1C1D Datasheet
117Kb / 2P
DuroSite LED Low Bay Fixture
LBW1C1D-EU DIALIGHT-LBW1C1D-EU Datasheet
146Kb / 1P
DuroSite LED Low Bay Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
104Kb / 2P
SafeSite Series LED Linear Fixture
RTO-0W07-001 DIALIGHT-RTO-0W07-001 Datasheet
110Kb / 2P
DuroSite SERIES LED WHITE DOWNLIGHT
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
CD Series White LED Linear Fixture
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
CD Series LED Linear RGB Fixture
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
DuroSite짰 LPK LED Langfeldleuchte
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com