Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP005 Datasheet(PDF) 1 Page - Dialight Corporation

Part # OP005
Description  20mm LENSES AND HOLDERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

OP005 Datasheet(HTML) 1 Page - Dialight Corporation

  OP005 Datasheet HTML 1Page - Dialight Corporation OP005 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
OPERATING CONDITIONS
MATERIALS/FINISH
p For LUXEON I
p Available in spot, medium, wide and oval lenses
p Snap-in optics
p Greater than 85% efficiency
p 105ºC max temperature
p Lenses are optical grade PMMA acrylic
LUMILEDS LUXEON®
20mm LENSES AND HOLDERS
p Holders are made of durable polycarbonate
HOLDERS
Dialight
P/N
Reference
P/N
Description
OHES1WH OH-ES1-WH
LUXEON I, III, V & Star I -
Direct PCB Mount (White)
OHES1BK
OH-ES1-BK
LUXEON I, III, V & Star I -
Direct PCB Mount (Black)
LENS
Dialight
P/N
Reference
P/N
Description
Degree*
OP005
OP-005
Spot Lens
5º
OP015
OP-015
Medium Lens
15
º
OP025
OP-025
Wide Lens
25º
OP520
OP-520
Oval Lens
5º X 20º
*All angles refer to half divergence
ORDERING INFORMATION
MECHANICAL DIMENSIONS
www.dialight.com


Similar Part No. - OP005

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
OP005 DIALIGHT-OP005 Datasheet
139Kb / 2P
20mm LENSES AND HOLDERS
More results

Similar Description - OP005

ManufacturerPart #DatasheetDescription
logo
Littelfuse
571 LITTELFUSE-571 Datasheet
529Kb / 1P
Fuse Blocks, Holders and Accessories
logo
Advanced Analogic Techn...
LPSJ30-1 ANALOGICTECH-LPSJ30-1 Datasheet
73Kb / 1P
Fuse Blocks, Holders and Accessories
logo
Littelfuse
L60030C-1C LITTELFUSE-L60030C-1C_06 Datasheet
166Kb / 2P
Blocks and Holders
LPHV001 LITTELFUSE-LPHV001 Datasheet
148Kb / 1P
Blocks and Holders
logo
Cooper Bussmann, Inc.
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
logo
Dialight Corporation
OHGDBK DIALIGHT-OHGDBK Datasheet
139Kb / 2P
20mm LENSES AND HOLDERS
logo
Cooper Bussmann, Inc.
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
logo
List of Unclassifed Man...
KH-15 ETC2-KH-15 Datasheet
190Kb / 1P
Additional Support and Holders
logo
Cooper Bussmann, Inc.
HTC-60M COOPER-HTC-60M Datasheet
320Kb / 2P
HTC Series - PCB Holders, Blocks Clips and Panel Mount Holders
logo
Ledil, Inc.
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com