Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC960LP4E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC960LP4E
Description  DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC960LP4E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC960LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC960LP4E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
14 - 9
14
HMC960LP4E
v00.0211
DC - 100 MHz DUAL DigitAL
VAriAbLe gAin AMpLifier with DriVer
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
table 4. pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
CMQ
Quadrature (Q) channel output common mode level
2, 3
OQN, OQP
Quadrature (Q) channel positive and negative differential
outputs
4 - 10
GC[6:0]
Gain Control Input Pins
Gain is defined as:
GC[6:0] = 0d —> Gain = 0 dB
GC[6:0] = 1d —> Gain = 0.5 dB
GC[6:0] = 2d —> Gain = 1 dB
GC[6:0] = 79d —> Gain = 39.5 dB
GC[6:0] = 80d —> Gain = 40 dB
11
DVDD
Digital 5V Supply. Must be locally decoupled to GND.
12, 14, 15
SCLK, SDI, SEN
SPI Data clock, data input and enable respectively.
13
SDO
SPI Data Output
16, 17
OIP, OIN
Inphase (I) channel negative and positive differential
outputs respectively
18
CMI
Inphase (I) channel output common mode level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com