Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC976LP3E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC976LP3E
Description  400mA LOW NOISE, HIGH PSRR LINEAR VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC976LP3E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC976LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 10Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 11Page - Hittite Microwave Corporation HMC976LP3E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
9 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC976LP3E
400mA LOW NOISE, HIGH PSRR
LINEAR VOLTAGE REGULATOR
v01.0711
Output Voltage Adjustment
The default output voltage is 4.8V this configuration “HMC976LP3E 4.8V User Application Schematic”.
The output voltage can be set to 5V by a ground on HV pin 5 “HMC976LP3E 5V User Application Schematic”.
The output voltage can be set from 1.8V to <4.8V by a resistor from pin 2 to the output pin 11 shown in
“HMC976LP3E 3.3V User Application Schematic”. The value of the resistor is given by the equation below.
If the temperature stability performance similar to that shown in the plot “Vout and Vref vs. Temperature [1]” is
required, then any external resistor temperature coefficient is a critical parameter and should be better than 50ppm
and 1% tolerance. Please note that the temperature coefficient of the internal resistor feedback divider is 270ppm/°C.
Layout of PCB
The layout of the PCB should follow these guide lines, the PADDLE should be grounded to the supply -VE terminal or
ground with at least 5 vias directly under the paddle to the bottom side ground plane. To ensure the noise and PSRR
specifications are met, the capacitors connecting to Pins 15, 11, 3 (see user application schematics), should be placed
as close as possible to the relevant pin and the ground connection should be as short as possible. Trace widths and
via sizes should be scaled to match the current drawn. The use of a large ground plane is recommended with a large
number of ground vias near the device to carry the ground.
Thermal Protection
Under
the
HMC976LP3E
default
output
voltage
condition
(Vout
=
4.8V
and
maximum
output
current) the thermal protection circuitry limits
the output current to approximately 500μA. When the
ambient temperature rises to approximately +115°C. The output will be kept disabled, allowing to the regu-
lator to cool down, until the ambient temperature decreases by approximately
10°C. The thermal pro-
tection may cycle the output on and off, protecting the regulator from damage, dependant on the power
dissipation and ambient temperature. The thermal protection circuitry will act indirectly when a short circuit occurs at
the output. After the overload or the fault condition is removed/changed, the regulator output will return to the nominal
operation.
For reliable operation the “Absolute Maximum Ratings” must be complied with especially the maximum junction
temperature must not be exceeded. The board copper ground area and thermal dissipation should be taken into
account during board layout. The junction temperature for a given dissipation can be calculated from the equation
below
T T
P
j
a
d
ja
= +
×


θ
Where Tj=Junction Temperature (°C), Ta=Ambient Temperature (°C), Pd=Dissipated Power (W), θja=Thermal
Resistivity Junction to Ambient (°C/W).
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
−
⎟
⎠
⎞
⎜
⎝
⎛
=
1
17
.
1
*
32
.
0
1
9
.
18
*
1
17
.
1
1
Vout
Vout
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com