Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1374 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXLD1374
Description  60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1374 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXLD1374 Datasheet HTML 1Page - Diodes Incorporated ZXLD1374 Datasheet HTML 2Page - Diodes Incorporated ZXLD1374 Datasheet HTML 3Page - Diodes Incorporated ZXLD1374 Datasheet HTML 4Page - Diodes Incorporated ZXLD1374 Datasheet HTML 5Page - Diodes Incorporated ZXLD1374 Datasheet HTML 6Page - Diodes Incorporated ZXLD1374 Datasheet HTML 7Page - Diodes Incorporated ZXLD1374 Datasheet HTML 8Page - Diodes Incorporated ZXLD1374 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ZXLD1374
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
LED DRIVER CONVERTER WITH AEC-Q100
ZXLD1374
Document number: DS35032 Rev. 2 - 2
2 of 37
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin
Name
Pin
Type
(Note 2)
Description
ADJ
1
I
Adjust input (for dc output current control)
Connect to REF to set 100% output current.
Drive with dc voltage (125mV<VADJ< 2.5V) to adjust output current from 10% to 200% of
set value. The ADJ pin has an internal clamp that limits the internal node to less than 3V.
This prevents the LED and power switch from delivering too much current should ADJ get
overdriven.
REF
2
O
Internal 1.25V reference voltage output
TADJ
3
I
Temperature Adjust input for LED thermal current control
Connect thermistor/resistor network to this pin to reduce output current above a preset
temperature threshold.
Connect to REF to disable thermal compensation function (See section on thermal control).
SHP
4
I/O
Shaping capacitor for feedback control loop
Connect 100pF ±20% capacitor from this pin to ground to provide loop compensation
STATUS
5
O
Operation status output (analog output)
Pin is at 4.5V (nominal) during normal operation.
Pin switches to a lower voltage to indicate specific operation warnings or fault conditions
(See section on STATUS output).
Status pin voltage is low during shutdown mode.
SGND
6
P
Signal ground
Connect to 0V and pins 7 and 8.
PGND
7,8
P
Power ground
Connect to 0V and pin 6 to maximize copper area.
N/C
9, 10,
11, 12
-
Not Connected internally
To maximize PCB copper for thermal dissipation connect to pins 7 and 8.
LX
13, 14
O
Low-side power-switch output
VAUX
15
P
Auxiliary positive supply to internal switch gate driver
Connect to VIN, or auxiliary supply from 6V to 15V supply to reduce internal power
dissipation (Refer to application section for more details).
Decouple to ground with capacitor close to device (refer to Applications section).
VIN
16
P
Input supply to device (6.3V to 60V)
Decouple to ground with capacitor close to device (refer to Applications section).
ISM
17
I
Current monitor input
Connect current sense resistor between this pin and VIN.
The nominal voltage across the resistor is 225mV.
FLAG
18
O
Flag open drain output
Pin is high impedance during normal operation.
Pin switches low to indicate a fault, or warning condition.
PWM
19
I
Digital PWM output current control
Pin driven either by open Drain or push-pull 3.3V or 5V logic levels.
Drive with frequency higher than 100Hz to gate output ‘on’ and ‘off’ during dimming control.
The device enters standby mode when PWM pin is driven with logic low level for more than
15ms nominal (Refer to application section for more details).
GI
20
I
Gain setting input
Used to set the LED current in Boost and Buck-boost modes.
Connect to ADJ in Buck mode operation.
For Boost and Buck-boost modes, connect to resistive divider from ADJ to SGND. This
defines the ratio of switch current to LED current (see application section). The GI pin has an
internal clamp that limits the internal node to less than 3V. This provides some failsafe
should the GI pin get overdriven.
EP
PAD
P
Exposed paddle.
Connect to 0V plane for electrical and thermal management.
Notes:
2. Type refers to whether or not pin is an Input, Output, Input/Output or Power supply pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com