Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1109 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1109
Description  LOW POWER HIGH-SIDE CURRENT MONITORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1109 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1109 Datasheet HTML 1Page - Diodes Incorporated ZXCT1109 Datasheet HTML 2Page - Diodes Incorporated ZXCT1109 Datasheet HTML 3Page - Diodes Incorporated ZXCT1109 Datasheet HTML 4Page - Diodes Incorporated ZXCT1109 Datasheet HTML 5Page - Diodes Incorporated ZXCT1109 Datasheet HTML 6Page - Diodes Incorporated ZXCT1109 Datasheet HTML 7Page - Diodes Incorporated ZXCT1109 Datasheet HTML 8Page - Diodes Incorporated ZXCT1109 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ZXCT1107/1109/1110
LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1107/1109/1110
Document number: DS35033 Rev. 3 - 2
2 of 16
www.diodes.com
JULY 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Pin Descriptions
Package
SOT23
SOT25
Description
Name
ZXCT1107
ZXCT1109
ZXCT1110
OUT
1
1
1
1
3
Output pin. Current output.
S+
3
2
4
This is the positive input of the current monitor and has a wide
common-mode input range. This also acts as the analog supply and
provides power to internal circuitry. The current through this pin
varies with differential sense voltage.
S-
2
3
5
This is the negative input of the current monitor and has a wide
common-mode input range.
GND
-
-
2
Ground pin and substrate connection.
NC
-
-
1
No connection
Notes.
1. For the ZXCT1107 and ZXCT1109 pin 1 (OUT) acts as both the output pin and substrate connection. This means that for the
ZXCT1107 and ZXCT1109 the minimum rail voltage that can be used is 2.5V + VOUT (see applications section for more details).
Absolute Maximum Ratings
Description
Rating
Unit
Voltage on S- and S+ relative to OUT (ZXCT1107/9)
-0.3 to 40
V
Voltage on S- and S+ relative to GND (ZXCT1110)
-0.3 to 40
V
Voltage on OUT to GND (ZXCT1110)
-0.3 to VS+
V
Differential Sense Voltage, VSENSE
2,3
-0.3 to 0.8
V
Current into S+ and S-
3
±8.5
mA
Storage Temperature
-55 to 150
°C
Maximum Junction Temperature
150
°C
Package Power Dissipation (TA = 25°C)
SOT23
SOT25
300 (De-rate to Zero at 150°C)
300 (De-rate to Zero at 150°C)
mW
ESD Ratings
Human Body Model
1000
V
Machine Model
150
V
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings,
for extended periods, may reduce device reliability.
Notes:
2. VSENSE = VS+ - VS-
3. The differential input voltage limit, VS+ - VS-, may be exceeded provided that the input current limit into S+ or S- is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com