Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC992LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC992LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC992LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8
8 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC992LP5E
v01.0811
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
Absolute Maximum Ratings
VDD, DETVDD, DETEN,
DETSET,DETRSSI, AMP1OUT,
AMP2OUT
+5.6 V
VCTRL
-0.6V to VDD+0.6V
ATTN1IN, ATTN2IN Input Power
+20 dBm
AMP1IN RF Input Power
+10 dBm
AMP2IN RF Input Power
+15 dBm
DETOUT Output Current
5 mA
DETIN RF Iput Power
12 dBm
Junction Temperature
125°C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Continuous Pdiss (T=85 °C)
Derate 78.88 mW/°C above 85 °C
3.16 W
Thermal Resistance (R
th)
(junction to package bottom)
12.68°C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1B
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: LOW STRESS INJECTION MOLDED PLASTIC SILICA AND SILICON IMPREGNATED.
2. LEAD AND GROUND PADDLE MATERIAL: COPPER ALLOY.
3. LEAD AND GROUND PADDLE PLATING: 100% MATTE TIN.
4. DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
6. CHARACTERS TO BE HELVETICA MEDIUM, .025 HIGH, WHITE INK, OR LASER MARK LOCATED APPROX. AS SHOWN.
7. PAD BURR LENGTH SHALL BE 0.15mm MAX. PAD BURR HEIGHT SHALL BE 0.25mm MAX.
8. PACKAGE WARP SHALL NOT EXCEED 0.05mm
9. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
10. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED PCB LAND PATTERN.
Package Information
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [1]
HMC992LP5E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H992
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com