Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G06 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74LVC2G06
Description  DUAL INVERTER WITH OPEN DRAIN OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G06 Datasheet(HTML) 6 Page - Diodes Incorporated

  74LVC2G06 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G06 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74LVC2G06
DUAL INVERTER WITH OPEN DRAIN OUTPUTS
74LVC2G06
Document number: DS35161 Rev. 3 - 2
6 of 9
www.diodes.com
June 2011
© Diodes Incorporated
Ordering Information
 
74LVC 2G 06 XX -7
W6 : SOT 26
Function
Package
7: Tape & Reel
Packing
06 : Inverter / Driver
With Open Drain
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
2G : Two gates
DW : SOT363
FW4 : DFN1010
Outputs
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC2G06W6-7
W6
SOT26
3000/Tape & Reel
-7
74LVC2G06DW-7
DW
SOT363
3000/Tape & Reel
-7
74LVC2G06FW4-7
FW4
DFN1010
5000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
.
Marking Information
(1) SOT26, SOT363
Part Number
Package
Identification Code
74LVC2G06W6
SOT26
Z3
74LVC2G06DW
SOT363
Z3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com