Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G07DW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC2G07DW
Description  DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G07DW Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC2G07DW Datasheet HTML 1Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G07DW Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74LVC2G07
DUAL BUFFERS WITH OPEN DRAIN OUTPUTS
74LVC2G07
Document number: DS35162 Rev. 3 - 2
4 of 9
www.diodes.com
June 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
40ºC to 85ºC
-40ºC to 125ºC
Min
Max
Min
Max
Unit
VOL
Low Level Output
Voltage
IOL = 100μA
1.65V to 5.5V
0.1
0.1
V
IOL = 4mA
1.65V
0.45
0.70
IOL = 8mA
2.3V
0.3
0.45
IOL = 16mA
3V
0.4
0.60
IOL = 24mA
0.55
0.80
IOL = 32mA
4.5V
0.55
0.80
II
Input Current
VI = 5.5V or GND
0 to 5.5V
± 5
± 20
μA
IOZ
Z State
Leakage Current
VO =0 to 5.5V
3.6V
± 10
± 10
μA
IOFF
Power Down
Leakage Current
VI or VO = 5.5V
0
± 10
± 20
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65V to 5.5V
10
40
μA
ΔICC
Additional Supply
Current
Input at VCC –0.6V
3V to 5.5V
500
5000
μA
Package Characteristics (All typical values are at VCC = 3.3V, TA = 25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
CI
Input Capacitance
VI = VCC – or GND
3.3
3.5
pF
θJA
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
204
oC/W
SOT363
371
DFN1010
430
θJC
Thermal Resistance
Junction-to-Case
SOT26
(Note 4)
52
oC/W
SOT363
143
DFN1010
190
Notes:
4. Test condition for SOT26, SOT363 and DFN1010: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout
Switching Characteristics
TA=-40°C to 85°C , CL = 30 or 50pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
0.5
6.7
0.5
4.3
0.5
3.7
0.5
2.9
ns
TA=-40°C to 125°C , CL = 30 or 50pF (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
VCC = 1.8V
± 0.15V
VCC = 2.5V
± 0.2V
VCC = 3.3V
± 0.3V
VCC = 5V
± 0.5V
Unit
Min
Max
Min
Max
Min
Max
Min
Max
tpd
A
Y
0.5
8.4
0.5
5.5
0.5
4.7
0.5
3.7
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com